Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994V33 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE42994V33
Description  Low Dropout Fixed Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994V33 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE42994V33 Datasheet HTML 16Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 17Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 18Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 19Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 20Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 21Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 22Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 23Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
20
Rev. 1.01, 2010-10-14
TLE42994V33
Block Description and Electrical Characteristics
5.8
Early Warning Function
The additional sense comparator provides an early warning function: Any voltage (e.g. the input voltage) can be
monitored, an undervoltage condition is indicated by setting the comparator’s output to low.
Figure 7
Sense Timing Diagram
Electrical Characteristics Early Warning Function
V
I = 13.5 V, -40 °C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Sense Comparator Input
5.8.1
Sense Threshold High
V
SI,high
1.34
1.45
1.54
V
5.8.2
Sense Threshold Low
V
SI,low
1.26
1.36
1.44
V
5.8.3
Sense Switching Hysteresis
V
SI,hy
50
90
130
mV
V
SI,hy = VSI,high - VSI,low
5.8.4
Sense Input Current
I
SI
-1
-0.1
1
µA
AED03049
t
Sense
t
SI, High
V
SI, Low
V
Input
Voltage
High
Low
Output
Sense


Similar Part No. - TLE42994V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994V33 INFINEON-TLE42994V33_14 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
   Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com