Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE42994EV33 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE42994EV33
Description  Low Dropout Fixed Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994EV33 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE42994EV33 Datasheet HTML 14Page - Infineon Technologies AG TLE42994EV33 Datasheet HTML 15Page - Infineon Technologies AG TLE42994EV33 Datasheet HTML 16Page - Infineon Technologies AG TLE42994EV33 Datasheet HTML 17Page - Infineon Technologies AG TLE42994EV33 Datasheet HTML 18Page - Infineon Technologies AG TLE42994EV33 Datasheet HTML 19Page - Infineon Technologies AG TLE42994EV33 Datasheet HTML 20Page - Infineon Technologies AG TLE42994EV33 Datasheet HTML 21Page - Infineon Technologies AG TLE42994EV33 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
18
Rev. 1.01, 2010-10-14
TLE42994V33
Block Description and Electrical Characteristics
Electrical Characteristics Reset Function
V
I = 13.5 V, -40 °C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output Undervoltage Reset
5.6.1
Default Output Undervoltage Reset
Switching Thresholds
V
RT
3.00
3.10
3.20
V
V
Q decreasing
5.6.2
Output Undervoltage Reset
Headroom
V
RH
50
200
300
mV
Output Undervoltage Reset Threshold Adjustment
5.6.3
Reset Adjust
Switching Threshold
V
RADJ,th
1.26
1.36
1.44
V
V
Q >2.5 V
5.6.4
Reset Adjustment Range1)
1)
V
RT is scaled linearly, in case the Reset Switching Threshold is modified
V
RT,range
2.50
3.10
V
Reset Output RO
5.6.5
Reset Output Low Voltage
V
RO,low
–0.1
0.4
V
1 V
V
Q VRT
no external
R
RO,ext
5.6.6
Reset Output Internal
Pull-up Resistor to
V
Q
R
RO
10
20
40
k
Ω
5.6.7
Optional Reset Output External
Pull-up Resistor to
V
Q
R
RO,ext
5.6
––k
Ω
1V
V
Q VRT ;
V
RO ≤ 0.4 V
Reset Delay Timing
5.6.8
Delay Pin Output Voltage
V
D
–5V
5.6.9
Power On Reset Delay Time
t
rd
36
51
60
ms
C
D = 100 nF
Calculated Value:
t
rd = CD * VDU / ID,ch
5.6.10
Upper Delay
Switching Threshold
V
DU
1.85
V
5.6.11
Lower Delay
Switching Threshold
V
DL
–0.50
V
5.6.12
Delay Capacitor
Charge Current
I
D,ch
–3.5
µA
V
D = 1 V
5.6.13
Delay Capacitor
Reset Discharge Current
I
D,dch
70
mA
V
D = 1 V
5.6.14
Delay Capacitor
Discharge Time
t
rr,d
1.7
3.0
µs
Calculated Value:
t
rr,d = CD*(VDU -
V
DL)/ ID,dch
C
D = 100 nF
5.6.15
Internal Reset Reaction Time
t
rr,int
–20
25
µs
C
D = 0 nF
2)
2) parameter not subject to production test; specified by design
5.6.16
Reset Reaction Time
t
rr,total
21.7
28
µs
Calculated Value:
t
rr,total = trr,int + trr,d
C
D = 100 nF


Similar Part No. - TLE42994EV33

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994EV33 INFINEON-TLE42994EV33 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994EV33

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
   Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com