Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLI5012 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLI5012
Description  GMR-Based Angular Sensor for Rotary Switches
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLI5012 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLI5012 Datasheet HTML 5Page - Infineon Technologies AG TLI5012 Datasheet HTML 6Page - Infineon Technologies AG TLI5012 Datasheet HTML 7Page - Infineon Technologies AG TLI5012 Datasheet HTML 8Page - Infineon Technologies AG TLI5012 Datasheet HTML 9Page - Infineon Technologies AG TLI5012 Datasheet HTML 10Page - Infineon Technologies AG TLI5012 Datasheet HTML 11Page - Infineon Technologies AG TLI5012 Datasheet HTML 12Page - Infineon Technologies AG TLI5012 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
TLI5012
Functional Description
Target Data Sheet
9
V 0.41, 2009-03
2
Functional Description
2.1
General
The GMR sensor is implemented using vertical integration. This means that the GMR sensitive areas are
integrated above the logic portion of the TLI5012 device. These GMR elements change their resistance depending
on the direction of the magnetic field.
Four individual GMR elements are connected to one Wheatstone Sensor Bridge. These GMR elements sense one
of two components of the applied magnetic field:
X component, Vx (cosine) or the
Y component, Vy (sine)
The advantage of a full-bridge structure is that the amplitude of the GMR signal is doubled and temperature effects
cancel out each other.
Figure 1
Sensitive Bridges of the GMR Sensor
Note: In Figure 1, the arrows in the resistors symbolize the direction of the Reference Layer, which is used for the
further explanation.
The output signal of each bridge is only unambiguous over 180° between two maxima. Therefore two bridges are
orientated orthogonally to each other to measure 360°.
With the trigonometric function ARCTAN, the true 360° angle value can be calulated which is represented by the
relation of X and Y signals.
Because only the relative values influence the result, the absolute size of the two signals is of minor importance.
Therefore, most influences to the amplitudes are compensated.
VDD
GND
ADCX+
GMR Resistors
ADCX-ADCY+ADCY-
VX
VY
90°
N
S


Similar Part No. - TLI5012

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI5012BE1000 INFINEON-TLI5012BE1000 Datasheet
2Mb / 37P
   GMR-Based Angle Sensor
Rev. 1.1, 2015-09
TLI5012BE1000 INFINEON-TLI5012BE1000_15 Datasheet
2Mb / 37P
   GMR-Based Angle Sensor
Rev. 1.1, 2015-09
More results

Similar Description - TLI5012

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5009-E2000 INFINEON-TLE5009-E2000 Datasheet
1Mb / 32P
   GMR-Based Angular Sensor
Rev. 1.1, 2012-04
TLE5010 INFINEON-TLE5010 Datasheet
2Mb / 56P
   GMR Based Angular Sensor
V 0.9, May 2007
TLE5012 INFINEON-TLE5012_10 Datasheet
1Mb / 64P
   GMR-Based Angular Sensor for Rotor-Position Sensing
V 1.0, 2010-11
TLE5012 INFINEON-TLE5012 Datasheet
2Mb / 57P
   GMR-Based Angular Sensor for Rotor Position Sensing
V 0.46, 2009-09
TLE5014SP16E0001 INFINEON-TLE5014SP16E0001 Datasheet
892Kb / 29P
   GMR-based Angle Sensor
Rev. 1.1 2019-04-04
TLI5012BE1000 INFINEON-TLI5012BE1000_15 Datasheet
2Mb / 37P
   GMR-Based Angle Sensor
Rev. 1.1, 2015-09
TLE5014SP16E0002 INFINEON-TLE5014SP16E0002 Datasheet
912Kb / 29P
   GMR-based Angle Sensor
Rev. 1.1 2019-04-04
TLE5012BD INFINEON-TLE5012BD Datasheet
674Kb / 17P
   GMR-Based Dual Die Angle Sensor
Rev. 1.1, 2015-03-12
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
logo
Infineon Technologies A...
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
   GMR Angle Sensor
May 2010 V1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com