Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4976-1K Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLV4976-1K
Description  Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLV4976-1K Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLV4976-1K Datasheet HTML 5Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 6Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 7Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 8Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 9Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 10Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 11Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 12Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
9
Rev. 1.0, 2010-08-02
TLV4976-1K
Specification
3
Specification
3.1
Application Circuit
The advantage of the current interface is, that only two wires are necessary to connect the sensor.
At least one series resistor is required to convert the two output states of the Hall sensor from current consumption
to a voltage information.
A typical value for RL is 100Ω. This gives a typical signal voltage level VSIG = 0.8V in the Off state and 1.4V in the
On state.
If the sensor is operated in an application environment with disturbances on the supply line, an additional series
resistor RS is recommended. The maximum value for the series resistor RS can be calculated using the following
formula:
RSmax
VSupplymin VSmin
IShighmax
--------------------------------------------- R
L
=
VS_min is the minimal supply voltage which might occur due to disturbances on the supply line VS.
Example: VSupplymin = 6V; VSmin = 3V; RL = 100Ω; IShighmax = 17mA : RSmax = 76.5Ω
Figure 5
Application Circuit
Input
µC GND
VSupply
µC
TLV
4976-1K
VS
GND
RL
RS
4.7 nF
VSIG


Similar Part No. - TLV4976-1K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4976-2K INFINEON-TLV4976-2K Datasheet
1Mb / 17P
   Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
More results

Similar Description - TLV4976-1K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4976-2K INFINEON-TLV4976-2K Datasheet
1Mb / 17P
   Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4906K INFINEON-TLV4906K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4906L INFINEON-TLV4906L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLV4946K INFINEON-TLV4946K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
logo
Allegro MicroSystems
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
   Precision Hall-Effect Switch for Consumer and Industrial Applications
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
logo
Infineon Technologies A...
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
   High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com