Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC164CS-8F Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # XC164CS-8F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS-8F Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button XC164CS-8F Datasheet HTML 3Page - Infineon Technologies AG XC164CS-8F Datasheet HTML 4Page - Infineon Technologies AG XC164CS-8F Datasheet HTML 5Page - Infineon Technologies AG XC164CS-8F Datasheet HTML 6Page - Infineon Technologies AG XC164CS-8F Datasheet HTML 7Page - Infineon Technologies AG XC164CS-8F Datasheet HTML 8Page - Infineon Technologies AG XC164CS-8F Datasheet HTML 9Page - Infineon Technologies AG XC164CS-8F Datasheet HTML 10Page - Infineon Technologies AG XC164CS-8F Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
XC164CS
Derivatives
Summary of Features
Data Sheet
5
V2.3, 2006-08
Programmable Watchdog Timer and Oscillator Watchdog
Up to 12 Mbytes External Address Space for Code and Data
– Programmable External Bus Characteristics for Different Address Ranges
– Multiplexed or Demultiplexed External Address/Data Buses
– Selectable Address Bus Width
– 16-Bit or 8-Bit Data Bus Width
– Four Programmable Chip-Select Signals
Up to 79 General Purpose I/O Lines,
partly with Selectable Input Thresholds and Hysteresis
On-Chip Bootstrap Loader
Supported by a Large Range of Development Tools like C-Compilers,
Macro-Assembler Packages, Emulators, Evaluation Boards, HLL-Debuggers,
Simulators, Logic Analyzer Disassemblers, Programming Boards
On-Chip Debug Support via JTAG Interface
100-Pin Green TQFP Package, 0.5 mm (19.7 mil) pitch (RoHS compliant)
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the
required product. This ordering code identifies:
the derivative itself, i.e. its function set, the temperature range, and the supply voltage
the package and the type of delivery.
For the available ordering codes for the XC164CS please refer to your responsible sales
representative or your local distributor.
Note: The ordering codes for Mask-ROM versions are defined for each product after
verification of the respective ROM code.
This document describes several derivatives of the XC164CS group. Table 1
enumerates these derivatives and summarizes the differences. As this document refers
to all of these derivatives, some descriptions may not apply to a specific product.
For simplicity all versions are referred to by the term XC164CS throughout this
document.


Similar Part No. - XC164CS-8F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164CS-16F INFINEON-XC164CS-16F Datasheet
1Mb / 78P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.2, March 2006
XC164CS-16FF INFINEON-XC164CS-16FF Datasheet
696Kb / 14P
   16-Bi t Single-Chip Microcontroller
2004-03 V1.0D3
XC164CS-32F INFINEON-XC164CS-32F_06 Datasheet
1Mb / 81P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.1, Aug. 2006
XC164CS-32R INFINEON-XC164CS-32R Datasheet
1Mb / 81P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.1, Aug. 2006
More results

Similar Description - XC164CS-8F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com