Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC167CI-16F Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XC167CI-16F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC167CI-16F Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XC167CI-16F Datasheet HTML 7Page - Infineon Technologies AG XC167CI-16F Datasheet HTML 8Page - Infineon Technologies AG XC167CI-16F Datasheet HTML 9Page - Infineon Technologies AG XC167CI-16F Datasheet HTML 10Page - Infineon Technologies AG XC167CI-16F Datasheet HTML 11Page - Infineon Technologies AG XC167CI-16F Datasheet HTML 12Page - Infineon Technologies AG XC167CI-16F Datasheet HTML 13Page - Infineon Technologies AG XC167CI-16F Datasheet HTML 14Page - Infineon Technologies AG XC167CI-16F Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
XC167CI-16F
Derivatives
General Device Information
Data Sheet
9
V1.3, 2006-08
Table 2
Pin Definitions and Functions
Sym-
bol
Pin
Num.
Input
Outp.
Function
P20.12 3
IO
For details, please refer to the description of P20.
NMI
4
I
Non-Maskable Interrupt Input. A high to low transition at this
pin causes the CPU to vector to the NMI trap routine. When
the PWRDN (power down) instruction is executed, the NMI
pin must be low in order to force the XC167 into power down
mode. If NMI is high, when PWRDN is executed, the part will
continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
P6
P6.0
P6.1
P6.2
P6.3
P6.4
P6.5
P6.6
P6.7
7
8
9
10
11
12
13
14
IO
O
IO
O
IO
O
IO
O
IO
O
IO
I
IO
I/O
IO
O
IO
Port 6 is an 8-bit bidirectional I/O port. Each pin can be
programmed for input (output driver in high-impedance
state) or output (configurable as push/pull or open drain
driver). The input threshold of Port 6 is selectable (standard
or special).
The Port 6 pins also serve for alternate functions:
CS0
Chip Select 0 Output,
CC0IO
CAPCOM1: CC0 Capture Inp./Compare Output
CS1
Chip Select 1 Output,
CC1IO
CAPCOM1: CC1 Capture Inp./Compare Output
CS2
Chip Select 2 Output,
CC2IO
CAPCOM1: CC2 Capture Inp./Compare Output
CS3
Chip Select 3 Output,
CC3IO
CAPCOM1: CC3 Capture Inp./Compare Output
CS4
Chip Select 4 Output,
CC4IO
CAPCOM1: CC4 Capture Inp./Compare Output
HOLD
External Master Hold Request Input,
CC5IO
CAPCOM1: CC5 Capture Inp./Compare Output
HLDA
Hold Acknowledge Output (master mode) or
Input (slave mode),
CC6IO
CAPCOM1: CC6 Capture Inp./Compare Output
BREQ
Bus Request Output,
CC7IO
CAPCOM1: CC7 Capture Inp./Compare Output


Similar Part No. - XC167CI-16F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
More results

Similar Description - XC167CI-16F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com