Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2289H Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # XC2289H
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2289H Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button XC2289H Datasheet HTML 6Page - Infineon Technologies AG XC2289H Datasheet HTML 7Page - Infineon Technologies AG XC2289H Datasheet HTML 8Page - Infineon Technologies AG XC2289H Datasheet HTML 9Page - Infineon Technologies AG XC2289H Datasheet HTML 10Page - Infineon Technologies AG XC2289H Datasheet HTML 11Page - Infineon Technologies AG XC2289H Datasheet HTML 12Page - Infineon Technologies AG XC2289H Datasheet HTML 13Page - Infineon Technologies AG XC2289H Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
XC2288H, XC2289H
XC2000 Family Derivatives / High Line
Summary of Features
Data Sheet
10
V1.2, 2010-09
1.1
Basic Device Types
Basic device types are available and can be ordered through Infineon’s direct and/or
distribution channels.
1.2
Special Device Types
Special device types are only available for high-volume applications on request.
Table 1
Synopsis of XC228xH Basic Device Types
Derivative
1)
1) x is a placeholder for available speed grade in MHz. Can be 100 only.
Flash
Memory
2)
2) Specific information about the on-chip Flash memory in Table 3.
PSRAM
3)
3) All derivatives additionally provide 8 Kbytes SBRAM, 2 Kbytes DPRAM, and 24 Kbytes DSRAM.
Capt./Comp.
Modules
ADC
4)
Chan.
4) Specific information about the available channels in Table 4.
Analog input channels are listed for each Analog/Digital Converter module separately (ADC0 + ADC1).
Interfaces
4)
XC2288H-200FxL
1,600
Kbytes
112
Kbytes
CC1/2
CCU60/1/2/3
16 + 8 4 CAN Nodes,
10 Serial Chan.
Table 2
Synopsis of XC228xH Special Device Types
Derivative
1)
1) x is a placeholder for available speed grade in MHz. Can be 80 or 100.
Flash
Memory
2)
2) Specific information about the on-chip Flash memory in Table 3.
PSRAM
3)
3) All derivatives additionally provide 8 Kbytes SBRAM, 2 Kbytes DPRAM, and 24 Kbytes DSRAM.
Capt./Comp.
Modules
ADC
4)
Chan.
4) Specific information about the available channels in Table 4.
Analog input channels are listed for each Analog/Digital Converter module separately (ADC0 + ADC1).
Interfaces
4)
XC2288H-136FxL 1,088
Kbytes
80
Kbytes
CC1/2
CCU60/1/2/3
16 + 8
4 CAN Nodes
10 Serial Chan.
XC2289H-136FxL 1,088
Kbytes
80
Kbytes
CC1/2
CCU60/1/2/3
16 + 8
2 FlexRay Nodes
6 CAN Nodes
10 Serial Chan.
XC2289H-200FxL 1,600
Kbytes
112
Kbytes
CC1/2
CCU60/1/2/3
16 + 8
2 FlexRay Nodes
6 CAN Nodes
10 Serial Chan.


Similar Part No. - XC2289H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2289H-136FxL INFINEON-XC2289H-136FxL Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2289H-200FxL INFINEON-XC2289H-200FxL Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
More results

Similar Description - XC2289H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com