Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3911R Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N3911R
Description  HIGH RELIABILITY FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3911R Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3911R Datasheet HTML 1Page - Microsemi Corporation 1N3911R Datasheet HTML 2Page - Microsemi Corporation 1N3911R Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY FAST RECOVERY RECTIFIER
Qualified per MIL-PRF-19500/308
• 150°C Junction Temperature • VRRM 50 to 400 Volts
• 50 Amps Current Rating
T4-LDS-0144 Rev. 1 (091810)
Page 1 of 3
DEVICES
LEVELS
1N3909
1N3912
1N3910A
1N3913A
1N3911R
1N3909AR
1N3912AR
JAN
1N3910
1N3913
1N3911A
1N3909R
1N3912R
1N3910AR
1N3913AR
JANTX
1N3911
1N3909A
1N3912A
1N3910R
1N3913R
1N3911AR
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Peak Reverse Voltage
1N3909 / A / R / AR
1N3910 / A / R / AR
1N3911 / A / R / AR
1N3912 / A / R / AR
1N3913 / A / R / AR
VRWM
50
100
200
300
400
V
Peak Working Reverse Voltage
1N3909 / A / R / AR
1N3910 / A / R / AR
1N3911 / A / R / AR
1N3912 / A / R / AR
1N3913 / A / R / AR
VRRM
50
100
200
300
400
V
Average Forward Current, TC = 100°
IF
50
A
Peak Surge Forward Current @
8.3ms, half sinewave, TC = 100°C
1N3909 / R Thru 1N3913 / R
1N3909A / AR Thru 1N3913A / AR
IFSM
300
400
A
Thermal Resistance, Junction to Case
RθJC
0.8
°C/W
Operating Case Temperature Range
Tj
-65°C to 150°C
°C
Storage Temperature Range
TSTG
-65°C to 175°C
°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Voltage
IFM = 50A, TC = 25°C*
VFM
1.4
V
Forward Voltage
IFM = 400A, TC = 150°C**
VFM
2.75
V
Reverse Current
VRM = 50V, TC = 25°C
VRM = 100V, TC = 25°C
VRM = 200V, TC = 25°C
VRM = 300V, TC = 25°C
VRM = 400V, TC= 25°C
1N3909 / A / R
1N3910 / A / R
1N3911 / A / R
1N3912 / A / R
1N3913 / A / R
IRM
15
μA
Reverse Current
VRM = 50V, TC = 150°C
VRM = 100V, TC = 150°C
VRM = 200V, TC = 150°C
VRM = 300V, TC = 150°C
VRM = 400V, TC = 150°C
1N3909 / A / R
1N3910 / A / R
1N3911 / A / R
1N3912 / A / R
1N3913 / A / R
IRM
6
mA
Reverse Recovery Time
VRM = 30V, IF = 1A
1N3909 / A Thru 1N3913 / A
1N3909A / AR Thru 1N3913A / AR
Trr
200
150
ns
* Pulse test: Pulse width 300 µsec, Duty cycle 2%
** Pulse test: Pulse width 800 µsec
DO-203AB (DO-5)


Similar Part No. - 1N3911R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3911R MICROSEMI-1N3911R Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
More results

Similar Description - 1N3911R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890_10 Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JAN1N6306 MICROSEMI-JAN1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
1N5812 MICROSEMI-1N5812_10 Datasheet
77Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6306 MICROSEMI-JANTX1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6305 MICROSEMI-JANTX1N6305 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
A197D ETC2-A197D Datasheet
1Mb / 4P
   High Fast Recovery Rectifier
logo
DIOTEC Electronics Corp...
RGP100 DEC-RGP100 Datasheet
353Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-300-1B DEC-FSPD-300-1B Datasheet
403Kb / 2P
   3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-100-1B DEC-FSPD-100-1B Datasheet
355Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com