Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3910 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N3910
Description  HIGH RELIABILITY FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3910 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N3910 Datasheet HTML 1Page - Microsemi Corporation 1N3910 Datasheet HTML 2Page - Microsemi Corporation 1N3910 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY FAST RECOVERY RECTIFIER
T4-LDS-0144 Rev. 1 (091810)
Page 2 of 3
GRAPHS
FIGURE 3
TYPICAL JUNCTION CAPACITANCE
FIGURE 1
TYPICAL FORWARD CHARACTERISTICS
FIGURE 4
FORWARD CURRENT DERATING
FIGURE 2
TYPICAL REVERSE CHARACTERISTICS


Similar Part No. - 1N3910

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3910 MICROSEMI-1N3910 Datasheet
94Kb / 2P
   Military Fast Recovery Rectifier
1N3910 MICROSEMI-1N3910 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
Solid States Devices, I...
1N3910 SSDI-1N3910 Datasheet
101Kb / 2P
   30A, 200nsec, 50-400 V Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
1N3910 NJSEMI-1N3910 Datasheet
103Kb / 1P
   Fast Rectifier, 20A < I(0)/I(F) s 50A
logo
Digitron Semiconductors
1N3910 DIGITRON-1N3910 Datasheet
116Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - 1N3910

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890_10 Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JAN1N6306 MICROSEMI-JAN1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
1N5812 MICROSEMI-1N5812_10 Datasheet
77Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6306 MICROSEMI-JANTX1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6305 MICROSEMI-JANTX1N6305 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
A197D ETC2-A197D Datasheet
1Mb / 4P
   High Fast Recovery Rectifier
logo
DIOTEC Electronics Corp...
RGP100 DEC-RGP100 Datasheet
353Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-300-1B DEC-FSPD-300-1B Datasheet
403Kb / 2P
   3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-100-1B DEC-FSPD-100-1B Datasheet
355Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com