Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847PN Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC847PN
Description  Multi-Chip Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC847PN Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC847PN Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC847PN Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC847PN Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BC847PN
NPN - PNP Silicon
Multi-Chip Transistor
20-Oct-2009 Rev. C
Page 1 of 3
RoHS Compliant Product
FEATURE
Epitaxial Die Construction
Two internal isolated NPN/PNP transistors in one package
Power Dissipation
PCM : 0.2 W (Temp. = 25˚C)
Collector Current
ICM : 0.1A
Collector-base Voltage
V(BR)CBO : 50/-50 V
Operating & Storage Junction Temperature
TJ, TSTG : -55˚C~+150˚C
MARKING
7P
ABSOLUTE MAXIMUM RATINGS OF TR1 at Ta = 25°C
PARAMETER
SYMBOL
VALUE
UNITS
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
6
V
Collector Currrent – Continuous
IC
100
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55 ~ +150
ELECTRICAL CHARACTERISTICS OF TR1 (NPN Transister) at Ta = 25°C
CHARACTERISTIC
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
IC=10μA, IE=0
V(BR)CBO
50
V
Collector-Emitter Breakdown Voltage
IC = 10 mA, IB = 0
V(BR)CEO
45
V
Emitter-Base Breakdown Voltage
IE=1μA, IC=0
V(BR)EBO
6
V
Collector Cutoff Current
VCB=30V, IE=0
ICBO
15
nA
Emitter Cutoff Current
VEB=5V, IC=0
IEBO
15
nA
DC Current Gain
VCE=5V, IC=2mA
hFE
200
450
IC=10mA, IB=0.5mA
VCE(sat)
0.25
V
Collector-emitter Saturation Voltage
IC=100mA, IB=5mA
VCE(sat)
0.6
V
IC=10mA, IB=0.5mA
VBE(sat)
0.7
V
Base-Emitter Saturation Voltage
IC=100mA, IB=5mA
VBE(sat)
0.9
V
IC=10mA, VCE=5V
VBE(On)
0.58
0.7
V
Base-Emitter Voltage
IC=10mA, VCE=5V
VBE(On)
0.72
V
Collector Output Capacitance
VCB=10V, IE=0, f=1MHz
Cob
6.0
pF
Transition Frequency
VCE=5V, IC=10mA, f=100MHz
fT
100
MHz
Noise Figure
VCE=5V, IC=0.2mA, f=1kHz
Rg=2KΩ, △f=200Hz
NF
10
dB
SOT-363

C1

B2

E2

E1

B1

C2


Similar Part No. - BC847PN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC847PN DIODES-BC847PN Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
logo
Diotec Semiconductor
BC847PN DIOTEC-BC847PN Datasheet
186Kb / 2P
   SMD General Purpose NPN/PNP Transistors
logo
Infineon Technologies A...
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
More results

Similar Description - BC847PN

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMDT2227 SECOS-MMDT2227_15 Datasheet
483Kb / 6P
   Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906_15 Datasheet
240Kb / 2P
   Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227 Datasheet
483Kb / 6P
   Multi-Chip Transistor
MMDT2222A SECOS-MMDT2222A Datasheet
421Kb / 4P
   Multi-Chip Transistor
BC847S SECOS-BC847S Datasheet
284Kb / 3P
   Multi-Chip Transistor
BC857S SECOS-BC857S Datasheet
851Kb / 2P
   Multi-Chip Transistor
MMDT4401 SECOS-MMDT4401 Datasheet
495Kb / 2P
   Multi-Chip Transistor
MMDT3904 SECOS-MMDT3904 Datasheet
299Kb / 2P
   Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906 Datasheet
240Kb / 2P
   Multi-Chip Transistor
MMDT3946 SECOS-MMDT3946 Datasheet
908Kb / 5P
   Multi-Chip Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com