Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4493 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N4493
Description  VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4493 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N4493 Datasheet HTML 1Page - Microsemi Corporation 1N4493 Datasheet HTML 2Page - Microsemi Corporation 1N4493 Datasheet HTML 3Page - Microsemi Corporation 1N4493 Datasheet HTML 4Page - Microsemi Corporation 1N4493 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
VOIDLESS-HERMETICALLY-SEALED 1.5
WATT GLASS ZENER DIODE
Qualified per MIL-PRF-19500/406
T4-LDS-0183 Rev. 1 (101686)
Page 1 of 5
DEVICES
LEVELS
1N4460 thru 1N4496 & C / D / US
JAN
1N6485 thru 1N6491 & C / D / US
JANTX
JANTXV
JANS
DESCRIPTION
DO-41
This Zener Voltage Regulator series is military qualified to MIL-PRF-19500/406 and is ideal
for high-reliability applications where a failure cannot be tolerated. These industry-
recognized 1.5 Watt Zener Voltage Regulators are hermetically sealed with voidless-glass
construction using an internal metallurgical bond. It includes Zener selections from 3.3 to 200
volts in standard 5% tolerances as well as tighter tolerances identified by different suffix
letters on the part number. They are also available in surface-mount packages (see separate
data sheet for 1N4460US thru 1N4496US and 1N6485US thru 1N6491US). Microsemi also
offers numerous other Zener products to meet higher and lower power ratings in both thru-
hole and surface mount packages.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
Popular JEDEC registered series
Voidless hermetically sealed glass package
Extremely robust construction
Triple-layer passivation
Internal “Category I” Metallurgical bonds for 1N4462 thru 1N4496 and “Category III”
for 1N6485 thru 1N6491 as well as 1N4460 and 1N4461.
JAN, JANTX, JANTXV, and JANS available per MIL-PRF-19500/406
Surface mount equivalents also available in a square end-cap MELF configuration with
a “US” suffix (see separate data sheet for 1N4460US thru 1N4496US and 1N6485US
thru 1N6491US)


Similar Part No. - 1N4493

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4493 MICROSEMI-1N4493 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Sensitron
1N4493 SENSITRON-1N4493 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Central Semiconductor C...
1N4493 CENTRAL-1N4493 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4493 SEMTECH-1N4493 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4493 EIC-1N4493 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - 1N4493

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N3611 MICROSEMI-1N3611_11 Datasheet
238Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com