Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS41B25IRGZT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS41B25IRGZT
Description  12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS41B25IRGZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS41B25IRGZT Datasheet HTML 7Page - Texas Instruments ADS41B25IRGZT Datasheet HTML 8Page - Texas Instruments ADS41B25IRGZT Datasheet HTML 9Page - Texas Instruments ADS41B25IRGZT Datasheet HTML 10Page - Texas Instruments ADS41B25IRGZT Datasheet HTML 11Page - Texas Instruments ADS41B25IRGZT Datasheet HTML 12Page - Texas Instruments ADS41B25IRGZT Datasheet HTML 13Page - Texas Instruments ADS41B25IRGZT Datasheet HTML 14Page - Texas Instruments ADS41B25IRGZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
12-Bit
ADC
OVR_SDOUT
D10_D11_M
D10_D11_P
D8_D9_M
D8_D9_P
D6_D7_M
D6_D7_P
D4_D5_M
D4_D5_P
D2_D3_M
D2_D3_P
D0_D1_M
D0_D1_P
CLKOUTM
CLKOUTP
CLKM
CLKP
CLOCKGEN
INM
VCM
INP
Sampling
Circuit
Common
DigitalFunctions
DDR
Serializer
Reference
OE
Control
Interface
ADS41B25
AVDD
AGND
DRVDD
DRGND
DDRLVDS
Interface
AnalogBuffers
AVDD_BUF
Dn_Dn+1_P
Dn_Dn+1_M
GND
Logic0
V
ODL
Logic1
V
ODH
V
OCM
ADS41B25
www.ti.com
SBAS548
– JUNE 2011
FUNCTIONAL BLOCK DIAGRAM
Figure 3. Block Diagram
TIMING CHARACTERISTICS
(1) With external 100
Ω termination.
Figure 4. LVDS Output Voltage Levels
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS41B25


Similar Part No. - ADS41B25IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS41B29 TI1-ADS41B29 Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
ADS41B29IRGZ25 TI-ADS41B29IRGZ25 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
More results

Similar Description - ADS41B25IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4145 TI1-ADS4145_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4245-EP TI1-ADS4245-EP Datasheet
1Mb / 63P
[Old version datasheet]   ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
logo
Texas Instruments
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com