Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1200SDUB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200SDUB
Description  Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200SDUB Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC1200SDUB Datasheet HTML 6Page - Texas Instruments AMC1200SDUB Datasheet HTML 7Page - Texas Instruments AMC1200SDUB Datasheet HTML 8Page - Texas Instruments AMC1200SDUB Datasheet HTML 9Page - Texas Instruments AMC1200SDUB Datasheet HTML 10Page - Texas Instruments AMC1200SDUB Datasheet HTML 11Page - Texas Instruments AMC1200SDUB Datasheet HTML 12Page - Texas Instruments AMC1200SDUB Datasheet HTML 13Page - Texas Instruments AMC1200SDUB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
0
1
2
3
4
5
6
7
8
9
10
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
50% to 10%
50% to 50%
50% to 90%
0
1
2
3
4
5
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
VDD2 (V)
VDD2 rising
VDD2 falling
0
1
2
3
4
5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
VDD2 = 2.7 V to 3.6 V
VDD2 = 4.5 V to 5.5 V
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
Supply Voltage (V)
IDD1
IDD2
0
1
2
3
4
5
6
7
8
2.7
3
3.3
3.6
VDD2 (V)
VDD2 = 2.7 V to 3.6 V
0
1
2
3
4
5
6
7
8
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
IDD1
IDD2
AMC1200
SBAS542
– APRIL 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At VDD1 = VDD2 = 5 V, VINP =
–250 mV to +250 mV, and VINN = 0 V, unless otherwise noted.
OUTPUT DELAY TIME
OUTPUT COMMON-MODE VOLTAGE
vs TEMPERATURE
vs LOW-SIDE SUPPLY VOLTAGE
Figure 25.
Figure 26.
OUTPUT COMMON-MODE VOLTAGE
SUPPLY CURRENT
vs TEMPERATURE
vs SUPPLY VOLTAGE
Figure 27.
Figure 28.
LOW-SIDE SUPPLY CURRENT
SUPPLY CURRENT
vs LOW-SIDE SUPPLY VOLTAGE
vs TEMPERATURE
Figure 29.
Figure 30.
10
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - AMC1200SDUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200SDUB TI-AMC1200SDUB Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200SDUB TI-AMC1200SDUB Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
More results

Similar Description - AMC1200SDUB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208 Datasheet
872Kb / 15P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_16 Datasheet
7Mb / 17P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
AD208 AD-AD208_15 Datasheet
8Mb / 16P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com