Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1204DWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1204DWR
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204DWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1204DWR Datasheet HTML 4Page - Texas Instruments AMC1204DWR Datasheet HTML 5Page - Texas Instruments AMC1204DWR Datasheet HTML 6Page - Texas Instruments AMC1204DWR Datasheet HTML 7Page - Texas Instruments AMC1204DWR Datasheet HTML 8Page - Texas Instruments AMC1204DWR Datasheet HTML 9Page - Texas Instruments AMC1204DWR Datasheet HTML 10Page - Texas Instruments AMC1204DWR Datasheet HTML 11Page - Texas Instruments AMC1204DWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0
1
2
3
4
5
6
7
8
−250 −200 −150 −100 −50
0
50
100
150
200
250
Input Signal Amplitude (mV)
−16
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
16
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
4.5
5
5.5
AVDD (V)
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
5
10
15
20
25
Clock Freuency (MHz)
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
40
45
50
55
60
Clock Duty Cycle (%)
AMC1204
SBAS512A
– APRIL 2011 – REVISED APRIL 2011
www.ti.com
TYPICAL CHARACTERISTICS
At AVDD = 5V, DVDD = 3.3V, VINP =
–250mV to +250mV, VINN = 0V, and sinc
3 filter with OSR = 256, unless otherwise
noted.
INTEGRAL NONLINEARITY
vs INPUT SIGNAL AMPLITUDE
INTEGRAL NONLINEARITY vs TEMPERATURE
Figure 2.
Figure 3.
OFFSET ERROR
vs ANALOG SUPPLY VOLTAGE
OFFSET ERROR vs TEMPERATURE
Figure 4.
Figure 5.
OFFSET ERROR vs CLOCK FREQUENCY
OFFSET ERROR vs CLOCK DUTY CYCLE
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC1204


Similar Part No. - AMC1204DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204DWR TI1-AMC1204DWR Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204DWR TI1-AMC1204DWR Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204DWR TI1-AMC1204DWR Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
AMC1204DWR TI1-AMC1204DWR Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
More results

Similar Description - AMC1204DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
logo
Texas Instruments
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com