Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ77910 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ77910
Description  Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ77910 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ77910 Datasheet HTML 7Page - Texas Instruments BQ77910 Datasheet HTML 8Page - Texas Instruments BQ77910 Datasheet HTML 9Page - Texas Instruments BQ77910 Datasheet HTML 10Page - Texas Instruments BQ77910 Datasheet HTML 11Page - Texas Instruments BQ77910 Datasheet HTML 12Page - Texas Instruments BQ77910 Datasheet HTML 13Page - Texas Instruments BQ77910 Datasheet HTML 14Page - Texas Instruments BQ77910 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
bq77910
www.ti.com
SLUSA07B
– AUGUST 2010 – REVISED MAY 2011
PROGRAMMABLE PROTECTION FUNCTIONS
The bq77910 provides the following types of protection functions:
Cell overvoltage
Cell undervoltage
Discharge overcurrent
Discharge-current short circuit
Charge-current short circuit
All of the voltage/current and time-delay thresholds can be adjusted for a specific application by programming the
EEPROM settings of the IC. The ranges available are shown in Table 1.
CAUTION
Only a maximum of three EEPROM write cycles per byte should performed to ensure
long-term data retention stability. (For circuit development purposes, the EEPROM
may be rewritten many times.)
Table 1. Detection Voltage, Detection Delay Time Summary
PARAMETER
RANGE
MIN
MAX
STEP
(EEPROM Selected)
Overvoltage
Cell voltage
2.8 V
4.375 V
25 mV
Delay
0.5 s
2.25 s
0.25 s
Hysteresis
0 mV
300 mV
25 mV or 50 mV
Undervoltage
Cell voltage
1.4 V
2.9 V
100 mV
Delay
500 ms
32 s
Binary spacing
Hysteresis
400 mV
1600 mV
400 mV
Discharge overcurrent
SENSE(
–) pin voltage with
Low
25 mV
100 mV
5 mV
respect to SENSE(+)
High
125 mV
500 mV
25 mV
Delay
20 ms
300 ms
20 ms
400 ms
2000 ms
100 ms
Discharge short circuit
SENSE(
–) pin voltage with
Low
40 mV
190 mV
10 mV
respect to SENSE(+)
High
200 mV
950 mV
50 mV
Delay
Fast
60
µs
960
µs
60
µs
Slow
50 ms
1500 ms
50 ms or 100 ms
Charge short circuit
SENSE(
–) pin voltage with
Low
–10 mV
–85 mV
5 mV
respect to SENSE(+)
High
–50 mV
–425 mV
25 mV
Delay
60
µs
960
µs
60
µs
Cell Overvoltage Detection and Recovery
The CHG FET is turned off if any one of the cell voltages remains higher than VOV for a period greater than tOV.
As a result, the cells are protected from an overcharge condition. After an overvoltage event occurs, the all cells
must relax to less than (VOV – VHYST) to allow recovery.
The VOV, tOV, and VHYST values are settable via EEPROM bits OVT, OVD and OVH.
Cell Undervoltage Detection and Recovery
When any one of the cell voltages falls below VUV, for a period of tUV, the bq77910 enters the undervoltage
protection state. The DSG FET is turned off, and depending on configuration, the device could enter the
SHUTDOWN mode. Both VUV and tUV can be configured via EEPROM bits UVT and UVD.
The recovery (fault release) is controlled by the EEPROM configuration bit UV_REC.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq77910


Similar Part No. - BQ77910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBTR TI1-BQ77910ADBTR Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBTR TI1-BQ77910ADBTR Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
More results

Similar Description - BQ77910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77908 TI1-BQ77908 Datasheet
870Kb / 56P
[Old version datasheet]   Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
BQ77908A TI-BQ77908A Datasheet
943Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
logo
RICOH electronics devic...
RV5VG101C RICOH-RV5VG101C Datasheet
92Kb / 9P
   RECHARGEABLE LITHIUM-ION CELL PROTECTORS
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
   2-Cell Lithium-ion/Lithium Polymer
HY2111 HYCON-HY2111 Datasheet
665Kb / 20P
   1-Cell Lithium-ion/Lithium Polymer
HY2110 HYCON-HY2110 Datasheet
709Kb / 19P
   1-Cell Lithium-ion/Lithium Polymer
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com