Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ77910DBTR Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ77910DBTR
Description  Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ77910DBTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ77910DBTR Datasheet HTML 5Page - Texas Instruments BQ77910DBTR Datasheet HTML 6Page - Texas Instruments BQ77910DBTR Datasheet HTML 7Page - Texas Instruments BQ77910DBTR Datasheet HTML 8Page - Texas Instruments BQ77910DBTR Datasheet HTML 9Page - Texas Instruments BQ77910DBTR Datasheet HTML 10Page - Texas Instruments BQ77910DBTR Datasheet HTML 11Page - Texas Instruments BQ77910DBTR Datasheet HTML 12Page - Texas Instruments BQ77910DBTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
t
su(BUF)
bq77910
www.ti.com
SLUSA07B
– AUGUST 2010 – REVISED MAY 2011
ELECTRICAL CHARACTERISTICS (continued)
Vcell(n) = 1.4 to 4.375 for all cells, TA = –25°C to 85ºC, BAT = 5.6 to 43.75 V; Typical values stated where TA = 25°C and
BAT = 36 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARGER DETECTION
(11)
Voltage at CHGST pin,
referenced to VSS, to determine
VCHG_DET1
charger present (charger
5.6 V
< BAT < 43.75 V
0.3
0.65
0.85
V
insertion detected when voltage
at CHGST pin
> VCHG_DET1)
LOAD REMOVAL DETECTION
Voltage at DPCKN, referenced
to VSS, with DSG FET disabled
VOPEN_LOAD
to detect load removal (load
5.6 V
< BAT < 43.75 V
1.5
2
2.5
V
removal detected when voltage
at DPCKN
< VOPEN_LOAD)
Internal resistance between
RDSG_GND
5.6 V
< BAT < 43.75 V
1000
1500
3000
k
Ω
DPCKN and VSS
EEPROM LIFETIME
TDR
Data retention
5.6 V
< BAT < 43.75 V
10
years
(11) Alternate charger detection options are available using the CPCKN pin. Contact TI for additional configuration versions.
SERIAL COMMUNICATION INTERFACE (for Configuration Only)
BAT = 5.6 V to 43.75 V, TA = –25°C to 85°C
PARAMETER
MIN
MAX
UNIT
tr
SCLK, SDATA
 rise time
1000
ns
tf
SCLK, SDATA
 fall time
300
ns
tw(H)
SCLK pulse duration, high
8
µs
tw(L)
SCLK pulse duration, low
10
µs
tsu(STA)
Setup time for START condition
9.4
µs
th(STA)
START condition hold time after which first clock pulse is generated
8
µs
tsu(DAT)
Data setup time
250
ns
th(DAT)
Data hold time
0
µs
tsu(STOP)
Setup time for STOP condition
8
µs
tsu(BUF)
Time the bus must be free before new transmission can start
9.4
µs
tV
Clock low to data out valid
900
ns
th(CH)
Data out hold time after clock low
0
ns
fSCL
Clock frequency
0
50
kHz
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq77910


Similar Part No. - BQ77910DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBTR TI1-BQ77910ADBTR Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBTR TI1-BQ77910ADBTR Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
More results

Similar Description - BQ77910DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77908 TI1-BQ77908 Datasheet
870Kb / 56P
[Old version datasheet]   Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
BQ77908A TI-BQ77908A Datasheet
943Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
logo
RICOH electronics devic...
RV5VG101C RICOH-RV5VG101C Datasheet
92Kb / 9P
   RECHARGEABLE LITHIUM-ION CELL PROTECTORS
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
   2-Cell Lithium-ion/Lithium Polymer
HY2111 HYCON-HY2111 Datasheet
665Kb / 20P
   1-Cell Lithium-ion/Lithium Polymer
HY2110 HYCON-HY2110 Datasheet
709Kb / 19P
   1-Cell Lithium-ion/Lithium Polymer
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com