Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ500210RGZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500210RGZT
Description  Qi Compliant Wireless Power Transmitter Manager
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500210RGZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ500210RGZT Datasheet HTML 5Page - Texas Instruments BQ500210RGZT Datasheet HTML 6Page - Texas Instruments BQ500210RGZT Datasheet HTML 7Page - Texas Instruments BQ500210RGZT Datasheet HTML 8Page - Texas Instruments BQ500210RGZT Datasheet HTML 9Page - Texas Instruments BQ500210RGZT Datasheet HTML 10Page - Texas Instruments BQ500210RGZT Datasheet HTML 11Page - Texas Instruments BQ500210RGZT Datasheet HTML 12Page - Texas Instruments BQ500210RGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Comm
Rectifier
Receiver Coil
Receiver
Capacitor
Modulation
Resitor
Amax
A(0)
A(1)
F, kHz
Fsw
Operating state at logic “0”
Operating state at logic “1”
a)
b)
bq500210
www.ti.com
SLUSAL8
– JUNE 2011
FUNCTIONAL OVERVIEW
The typical Wireless Power Transfer System consists of primary and secondary coils that are positioned against
each other in a way to maximize mutual coupling of their electromagnetic fields. Both coils have ferrite shields as
part of their structures to even further maximize field coupling. The primary coil is excited with the switching
waveform of the transmitter power driver that gets its power from an AC-DC wall adapter. The secondary coil is
connected to the rectifier that can either directly interface the battery or can have an electronic charger or
post-regulator connected to its output. The capacitors in series with the coils are tuned to create resonance in the
system. The system being in resonance facilitates better energy transfer compared to inductive transfer. Power
transfer in the resonant system can also be easily controlled with the variable frequency control approach. To
limit operating frequency variation the bq500210 uses both frequency and PWM methods to control power
transfer. When the operating frequency approaches a 205kHz limit and the receiver still commands lower power,
the bq500210 will reduce the PWM cycle in discrete steps to maintain the output in regulation.
The rectifier output voltage is monitored by the secondary side microcontroller that generates signals to control
the modulation circuit to pass coded information from the secondary side to the primary side. The coded
information is organized into information packets that have Preamble bytes, Header bytes, message bytes and
Checksum bytes. Per the WPC specification, information packets can be related to Identification, Configuration,
Control Error, Rectified Power, Charge Status, and End of Power Transfer information. For detailed information
on
the
WPC
specification,
visit
the
Wireless
Power
Consortium
website
at
http://www.wirelesspowerconsortium.com/.
There are two ways the coupled electromagnetic field can be manipulated to achieve information transfer from
the secondary side to the primary side. With the resistive modulation approach shown in Figure 3, the
communication resistor periodically loads the rectifier output changing system Q factor, and as a result the value
of the voltage on the primary side coil. With the capacitive modulation approach shown in Figure 4, a pair of
communication capacitors are periodically connected to the receiver coil network. These extra capacitance
application changes slightly the resonance frequency of the system and its response on the current operating
frequency, which in turn leads to coil voltage variation on the primary side.
With both modulation techniques primary side coil waveform variations are detected with a Digital Demodulation
algorithm in the bq500210 to restore the content of the information packets and adjust controls to the transmitter.
Figure 3. Resistive Modulation Circuit
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq500210


Similar Part No. - BQ500210RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500210RGZT TI-BQ500210RGZT Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210RGZT TI-BQ500210RGZT Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
More results

Similar Description - BQ500210RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500410A TI1-BQ500410A Datasheet
1Mb / 30P
[Old version datasheet]   Free Positioning, Qi Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
   8W, Qi-compliant, Wireless Power Transmitter
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
   QI Compliant Wireless Power Transmitter Series
logo
Texas Instruments
BQ500215 TI1-BQ500215 Datasheet
2Mb / 35P
[Old version datasheet]   Compliant Wireless Power Transmitter Manager
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
   Qi compliant wireless power transmitter IC
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
   QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com