Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3482IRKDT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482IRKDT
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482IRKDT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC3482IRKDT Datasheet HTML 6Page - Texas Instruments DAC3482IRKDT Datasheet HTML 7Page - Texas Instruments DAC3482IRKDT Datasheet HTML 8Page - Texas Instruments DAC3482IRKDT Datasheet HTML 9Page - Texas Instruments DAC3482IRKDT Datasheet HTML 10Page - Texas Instruments DAC3482IRKDT Datasheet HTML 11Page - Texas Instruments DAC3482IRKDT Datasheet HTML 12Page - Texas Instruments DAC3482IRKDT Datasheet HTML 13Page - Texas Instruments DAC3482IRKDT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
– DIGITAL SPECIFICATIONS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT TIMING SPECIFICATIONS
Timing LVDS inputs: D[15:0]P/N, FRAMEP/N, SYNCP/N, PARITYP/N, double edge latching
Config36 Setting
datadly
clkdly
0
0
150
0
1
100
0
2
50
0
3
0
0
4
-50
Setup time, D[15:0]P/N,
FRAMEP/N reset and frame indicator latched
0
5
-100
FRAMEP/N, SYNCP/N
on rising edge of DATACLKP/N.
ts(DATA)
and PARITYP/N, valid to
0
6
-150
ps
FRAMEP/N parity bit latched on falling edge
either edge of
0
7
-200
of DATACLKP/N.
DATACLKP/N
1
0
200
2
0
250
3
0
300
4
0
350
5
0
400
6
0
450
7
0
500
Config36 Setting
datadly
clkdly
0
0
350
0
1
400
0
2
450
0
3
500
0
4
550
Hold time, D[15:0]P/N,
FRAMEP/N reset and frame indicator latched
0
5
600
FRAMEP/N, SYNCP/N
on rising edge of DATACLKP/N.
th(DATA)
and PARITYP/N, valid
0
6
650
ps
FRAMEP/N parity bit latched on falling edge
after either edge of
0
7
700
of DATACLKP/N.
DATACLKP/N
1
0
300
2
0
250
3
0
200
4
0
150
5
0
100
6
0
50
7
0
0
FRAMEP/N and
t(FRAME_SYNC)
fDATACLK is DATACLK frequency in MHz
1/2fDATACLK
ns
SYNCP/N pulse width
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482


Similar Part No. - DAC3482IRKDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482IRKDT TI1-DAC3482IRKDT Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKDT TI1-DAC3482IRKDT Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3482IRKDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com