Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT60GL120JU3 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT60GL120JU3
Description  ISOTOP Buck chopper Trench Field Stop IGBT4 Power module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT60GL120JU3 Datasheet(HTML) 2 Page - Microsemi Corporation

  APT60GL120JU3 Datasheet HTML 1Page - Microsemi Corporation APT60GL120JU3 Datasheet HTML 2Page - Microsemi Corporation APT60GL120JU3 Datasheet HTML 3Page - Microsemi Corporation APT60GL120JU3 Datasheet HTML 4Page - Microsemi Corporation APT60GL120JU3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APT60GL120JU3
www.microsemi.com
2- 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1200V
250
µA
Tj = 25°C
1.85
2.25
VCE(sat)
Collector Emitter saturation Voltage
VGE = 15V
IC = 50A
Tj = 150°C
2.25
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 1.6mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
2770
Coes
Output Capacitance
205
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
160
pF
QG
Gate charge
VGE= ±15V ; VCE=600V
IC=50A
0.38
µC
Td(on)
Turn-on Delay Time
130
Tr
Rise Time
20
Td(off)
Turn-off Delay Time
300
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VCE = 600V
IC = 50A
RG = 8.2Ω
45
ns
Td(on)
Turn-on Delay Time
150
Tr
Rise Time
35
Td(off)
Turn-off Delay Time
350
Tf
Fall Time
Inductive Switching (150°C)
VGE = ±15V
VCE = 600V
IC = 50A
RG = 8.2Ω
80
ns
TJ = 25°C
3.8
Eon
Turn-on Switching Energy
TJ = 150°C
5.5
mJ
TJ = 25°C
2.5
Eoff
Turn-off Switching Energy
VGE = ±15V
VCE = 600V
IC = 50A
RG = 8.2Ω
TJ = 150°C
4.5
mJ
Isc
Short Circuit data
VGE ≤15V ; VBus = 900V
tp ≤10µs ; Tj = 150°C
200
A
Chopper diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
100
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 80°C
30
A
IF = 30A
2.6
3.1
IF = 60A
3.2
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
1.8
V
Tj = 25°C
300
trr
Reverse Recovery Time
Tj = 125°C
380
ns
Tj = 25°C
360
Qrr
Reverse Recovery Charge
IF = 30A
VR = 800V
di/dt =200A/µs
Tj = 125°C
1700
nC


Similar Part No. - APT60GL120JU3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT60GL120JU3 MICROSEMI-APT60GL120JU3 Datasheet
179Kb / 5P
   ISOTOP Buck chopper Trench Field Stop IGBT4 Power module
More results

Similar Description - APT60GL120JU3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT60GL120JU3 MICROSEMI-APT60GL120JU3 Datasheet
179Kb / 5P
   ISOTOP Buck chopper Trench Field Stop IGBT4 Power module
APT40GL120JU2 MICROSEMI-APT40GL120JU2 Datasheet
180Kb / 5P
   ISOTOP Boost chopper Trench Field Stop IGBT4 Power module
APTGL90SK120T1G MICROSEMI-APTGL90SK120T1G Datasheet
219Kb / 5P
   Buck chopper Trench Field Stop IGBT4 Power module
APTGL325SK120D3G MICROSEMI-APTGL325SK120D3G Datasheet
215Kb / 5P
   Buck Chopper Trench Field Stop IGBT4 Power Module
APTGL120SK120T1G MICROSEMI-APTGL120SK120T1G Datasheet
219Kb / 5P
   Buck chopper Trench Field Stop IGBT4 Power module
APTGL475SK120D3G MICROSEMI-APTGL475SK120D3G Datasheet
216Kb / 5P
   Buck Chopper Trench Field Stop IGBT4 Power Module
APT40GL120JU3 MICROSEMI-APT40GL120JU3 Datasheet
179Kb / 5P
   ISOTOP짰 Buck chopper Trench Field Stop IGBT4 Power module
APTGL60DSK120T3G MICROSEMI-APTGL60DSK120T3G Datasheet
203Kb / 5P
   Dual Buck chopper Trench Field Stop IGBT4 Power Module
APTGL90DSK120T3G MICROSEMI-APTGL90DSK120T3G Datasheet
207Kb / 5P
   Dual Buck chopper Trench Field Stop IGBT4 Power module
APTGL120DA120T1G MICROSEMI-APTGL120DA120T1G Datasheet
219Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com