Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4322S Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA4322S
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4322S Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4322S Datasheet HTML 7Page - Texas Instruments OPA4322S Datasheet HTML 8Page - Texas Instruments OPA4322S Datasheet HTML 9Page - Texas Instruments OPA4322S Datasheet HTML 10Page - Texas Instruments OPA4322S Datasheet HTML 11Page - Texas Instruments OPA4322S Datasheet HTML 12Page - Texas Instruments OPA4322S Datasheet HTML 13Page - Texas Instruments OPA4322S Datasheet HTML 14Page - Texas Instruments OPA4322S Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
R
S
OPA322
V+
V
IN
V
OUT
I
10mA,Max
OVERLOAD
4
3
2
1
0
1
2
3
4
-
-
-
-
-500
1000
Time( s)
m
-250
0
750
250
500
V
OUT
V
IN
V = 2.5V
±
S
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538A
– JANUARY 2011 – REVISED MAY 2011
APPLICATION INFORMATION
OPERATING VOLTAGE
The OPA322 series op amps are unity-gain stable and can operate on a single-supply voltage (1.8 V to 5.5 V), or
a split-supply voltage (
±0.9 V to ±2.75 V), making them highly versatile and easy to use. The power-supply pins
should have local bypass ceramic capacitors (typically 0.001
μF to 0.1 μF). These amplifiers are fully specified
from +1.8 V to +5.5 V and over the extended temperature range of
–40°C to +125°C. Parameters that can exhibit
variance with regard to operating voltage or temperature are presented in the Typical Characteristics.
INPUT AND ESD PROTECTION
The OPA322 incorporates internal electrostatic discharge (ESD) protection circuits on all pins. In the case of
input and output pins, this protection primarily consists of current-steering diodes connected between the input
and power-supply pins. These ESD protection diodes also provide in-circuit input overdrive protection, as long as
the current is limited to 10 mA as stated in the Absolute Maximum Ratings table. Many input signals are
inherently current-limited to less than 10 mA; therefore, a limiting resistor is not required. Figure 25 shows how a
series input resistor (RS) may be added to the driven input to limit the input current. The added resistor
contributes thermal noise at the amplifier input and the value should be kept to the minimum in noise-sensitive
applications.
Figure 25. Input Current Protection
PHASE REVERSAL
The OPA322 op amps are designed to be immune to phase reversal when the input pins exceed the supply
voltages, therefore providing further in-system stability and predictability. Figure 26 shows the input voltage
exceeding the supply voltage without any phase reversal.
Figure 26. No Phase Reversal
Copyright
© 2011, Texas Instruments Incorporated
11


Similar Part No. - OPA4322S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4322S TI1-OPA4322S Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA4322S TI1-OPA4322S Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA4322S-Q1 TI1-OPA4322S-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA4322S-Q1 TI1-OPA4322S-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA4322SAIPW TI1-OPA4322SAIPW Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
More results

Similar Description - OPA4322S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com