Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK10002CTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10002CTR
Description  10Gbps Dual-Channel Multi-Rate Transceiver
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10002CTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK10002CTR Datasheet HTML 2Page - Texas Instruments TLK10002CTR Datasheet HTML 3Page - Texas Instruments TLK10002CTR Datasheet HTML 4Page - Texas Instruments TLK10002CTR Datasheet HTML 5Page - Texas Instruments TLK10002CTR Datasheet HTML 6Page - Texas Instruments TLK10002CTR Datasheet HTML 7Page - Texas Instruments TLK10002CTR Datasheet HTML 8Page - Texas Instruments TLK10002CTR Datasheet HTML 9Page - Texas Instruments TLK10002CTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
TLK10002
SLLSE75
– MAY 2011
www.ti.com
Table 1. Pin Description
– Signal Pins (continued)
PIN
DIRECTION
TYPE
DESCRIPTION
SIGNAL
BGA
SUPPLY
Channel B Receive Loss Of Signal (LOS) Indicator.
LOSB=0: Signal detected.
LOSB=1: Loss of signal. Loss of signal detection is based on the input signal level. When
HSRXBP/N has a differential input signal swing of
<75 mVpp, LOSB will be asserted (if
Output
enabled). Once asserted, the input signal has to be
> 150 mVpp for this LOS to be
deasserted
LVCMOS
LOSB
K8
1.5V/1.8V
Other functions can be observed on LOSB in real-time, configured via MDIO.
VDDO1
During device reset (RESET_N asserted low) this pin is driven low. During pin based power
40
Ω Driver
down (PDTRXB_N asserted low), this pin is floating. During register based power down
(1.15 asserted high), this pin is floating.
It is highly recommended that LOSB be brought to an easily accessible point on the
application board (header), in the event that debug is required.
Reference Clock Select Channel B. This input, when low, selects REFCLK0P/N as the
Input
clock reference to Channel B SERDES. When high, REFCLK1P/N is selected as the clock
LVCMOS
REFCLKB_SEL
H10
reference to Channel B SERDES. If software control is desired (register bit 1.1), this input
1.5V/1.8V
signal should be tied low. See Figure 11 for more detail. Default reference clock for
VDDO1
Channel B is REFCLK0P/N.
Channel B High Speed Side Output Clock. By default, this output is enabled and outputs
the high speed side Channel B recovered byte clock (high speed line rate divided by 20).
Optionally it can be configured to output the VCO clock divided by 2. Additional
MDIO-selectable divide ratios of 1, 2, 4, 5, 8, 10, 16, 20, and 25 are available. See
Figure 11.
Output
This CML output must be AC coupled.
CLKOUTBP/N
A9/A10
CML
During device reset (RESET_N asserted low) these pins are driven differential zero. During
DVDD
pin based power down (PDTRXA_N and PDTRXB_N asserted low), these pins are floating.
During register based power down (1.15 asserted high both channels), these pins are
floating.
Channel B high speed side recovered byte clock can also be directed to CLKOUTAP/N pins
through the MDIO interface.
Input
Channel B Receive Lane Alignment Status Indicator. Lane alignment status signal
received from a Lane Alignment Slave on the link partner device.
LVCMOS
LS_OK_IN_B
L8
LS_OK_IN_B=0: Channel B Link Partner Receive lanes not aligned.
1.5V/1.8V
LS_OK_IN_B=1: Channel B Link Partner Receive lanes aligned
VDDO1
Output
Channel B Transmit Lane Alignment Status Indicator. Lane alignment status signal sent
to a Lane Alignment Master on the link partner device.
LVCMOS
LS_OK_OUT_B=0: Channel B Transmit lanes not aligned.
LS_OK_OUT_B
H9
1.5V/1.8V
LS_OK_OUT_B=1: Channel B Transmit lanes aligned.
VDDO1
40
Ω Driver
Input
Transceiver Power Down. When this pin is held low (asserted), Channel B is placed in
power down mode. When deasserted, Channel B operates normally. After deassertion, a
LVCMOS
PDTRXB_N
J4
software data path reset should be issued through the MDIO interface.
1.5V/1.8V
VDDO1
REFERENCE CLOCKS AND CONTROL AND MONITORING SIGNALS
Input
Reference Clock Input Zero. This differential input is a clock signal used as a reference to
one or both channels. The reference clock selection is done through MDIO or
LVDS/
REFCLK0P/N
M10/M11
REFCLKA_SEL and REFCLKB_SEL pins. This input signal must be AC coupled. If
LVPECL
unused, REFCLK0P/N should be pulled down to GND through a shared 100
Ω resistor.
DVDD
Input
Reference Clock Input One. This differential input is a clock signal used as a reference to
one or both channels. The reference clock selection is done through MDIO. This input
LVDS/
REFCLK1P/N
K9/K10
signal must be AC coupled. If unused, REFCLK1P/N should be pulled down to GND
LVPECL
through a shared 100
Ω resistor.
DVDD
Input
Enable PRBS: When this pin is asserted high, the internal PRBS generator and verifier
circuits are enabled on both transmit and receive data paths on high speed and low speed
LVCMOS
PRBSEN
B9
sides of both channels. This signal is logically OR
’d with MDIO register bits B.7:6, and
1.5V/1.8V
B.13:12. PRBS 231-1 is selected by default, and can be changed through MDIO.
VDDO0
6
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TLK10002CTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK100 TI-TLK100 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10022CTR TI1-TLK10022CTR Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK1002A TI-TLK1002A Datasheet
618Kb / 16P
[Old version datasheet]   DUAL SIGNAL CONDITIONING TRANSCEIVER
More results

Similar Description - TLK10002CTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134_1 Datasheet
2Mb / 150P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK6002 TI-TLK6002 Datasheet
1,000Kb / 96P
[Old version datasheet]   Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK10081 TI1-TLK10081 Datasheet
604Kb / 62P
[Old version datasheet]   10Gbps 1-8 CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com