Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1117LV12DCYR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117LV12DCYR
Description  1-A, Positive Fixed Voltage, Low-Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1117LV12DCYR Datasheet(HTML) 4 Page - Texas Instruments

  TLV1117LV12DCYR Datasheet HTML 1Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 2Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 3Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 4Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 5Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 6Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 7Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 8Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Current
Limit
Bandgap
Thermal
Shutdown
IN
OUT
LOGIC
GND
TLV1117LV Series
UVLO
INPUT
ADJ/GND
2
3
1
OUTPUT
TLV1117LV Series
SBVS160
– MAY 2011
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Figure 2. TLV1117LV Block Diagram
PIN CONFIGURATIONS
DCY PACKAGE
SOT223
(TOP VIEW)
PIN DESCRIPTIONS
TLV1117LV
NAME
DCY
DESCRIPTION
Input pin. See Input and Output Capacitor Requirements in the Application Information section for more
IN
1
details.
Regulated output voltage pin. See Input and Output Capacitor Requirements in the Application
OUT
2, Tab
Information section for more details.
GND
3
Ground pin
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TLV1117LV12DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117LV12DCYR TI1-TLV1117LV12DCYR Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12DCYR TI-TLV1117LV12DCYR Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
More results

Similar Description - TLV1117LV12DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
[Old version datasheet]   TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com