Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT300A60D3G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGT300A60D3G
Description  Phase leg Trench Field Stop IGBT3 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT300A60D3G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGT300A60D3G Datasheet HTML 1Page - Microsemi Corporation APTGT300A60D3G Datasheet HTML 2Page - Microsemi Corporation APTGT300A60D3G Datasheet HTML 3Page - Microsemi Corporation APTGT300A60D3G Datasheet HTML 4Page - Microsemi Corporation APTGT300A60D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGT300A60D3G
www.microsemi.com
4- 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=150°C
0
100
200
300
400
500
00.5
11.5
22.5
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=19V
VGE=9V
0
100
200
300
400
500
0
0.511.522.5
3
3.5
VCE (V)
TJ = 150°C
Transfert Characteristics
TJ=25°C
TJ=150°C
0
100
200
300
400
500
56
789
10
11
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
Er
0
5
10
15
20
25
0
100
200
300
400
500
600
IC (A)
VCE = 300V
VGE = 15V
RG = 2.2Ω
TJ = 150°C
Eon
Eoff
Er
0
5
10
15
20
25
30
35
0
2.5
5
7.5
10
12.5
15
Gate Resistance (ohms)
VCE = 300V
VGE =15V
IC = 300A
TJ = 150°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
100
200
300
400
500
600
700
0
100 200 300 400 500 600 700
VCE (V)
VGE=15V
TJ=150°C
RG=2.2Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.04
0.08
0.12
0.16
0.2
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
IGBT


Similar Part No. - APTGT300A60D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT300A60D3G MICROSEMI-APTGT300A60D3G Datasheet
214Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT300A60D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT300A170D3G MICROSEMI-APTGT300A170D3G_11 Datasheet
218Kb / 5P
   Phase leg Trench Field Stop IGBT3 Power Module
APTGT300A120D3G MICROSEMI-APTGT300A120D3G Datasheet
217Kb / 5P
   Phase leg Trench Field Stop IGBT3 Power Module
APTGT400A60D3G MICROSEMI-APTGT400A60D3G_11 Datasheet
225Kb / 5P
   Phase leg Trench Field Stop IGBT3 Power Module
APTGT100A120T3AG MICROSEMI-APTGT100A120T3AG Datasheet
210Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
   Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T3AG MICROSEMI-APTGT200A60T3AG Datasheet
206Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT400A120D3G MICROSEMI-APTGT400A120D3G Datasheet
218Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT225A170 ADPOW-APTGT225A170 Datasheet
270Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T ADPOW-APTGT200A60T Datasheet
279Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT600A60 ADPOW-APTGT600A60 Datasheet
270Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com