Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22920 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22920
Description  Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22920 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22920 Datasheet HTML 6Page - Texas Instruments TPS22920 Datasheet HTML 7Page - Texas Instruments TPS22920 Datasheet HTML 8Page - Texas Instruments TPS22920 Datasheet HTML 9Page - Texas Instruments TPS22920 Datasheet HTML 10Page - Texas Instruments TPS22920 Datasheet HTML 11Page - Texas Instruments TPS22920 Datasheet HTML 12Page - Texas Instruments TPS22920 Datasheet HTML 13Page - Texas Instruments TPS22920 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
−40
−15
10
35
60
85
Temperature (°C)
VIN = 0.9V, CL = 0.1 µF, RL = 10 Ohms
G000
0
200
400
600
800
1000
1200
1400
1600
1800
0
0.5
1
1.5
2
2.5
3
3.5
4
VIN (V)
−40C
25C
85C
CL = 0.1 µF, RL = 10 Ohms, VON = 1.8V
G000
0
200
400
600
800
1000
1200
1400
1600
0
0.5
1
1.5
2
2.5
3
3.5
4
VIN (V)
−40C
25C
85C
CL = 20 µF, RL = 10 Ohms, VON = 1.8V
G000
TPS22920
SLVSAY8
– JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
FALL TIME vs
RISE TIME vs
TEMPERATURE
INPUT VOLTAGE
Figure 16.
Figure 17.
RISE TIME vs
INPUT VOLTAGE
Figure 18.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS22920


Similar Part No. - TPS22920

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
TPS22920LYZPT TI1-TPS22920LYZPT Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
More results

Similar Description - TPS22920

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920_14 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com