Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT300DA60D3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT300DA60D3G
Description  Boost chopper Trench Field Stop IGBT3 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT300DA60D3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT300DA60D3G Datasheet HTML 1Page - Microsemi Corporation APTGT300DA60D3G Datasheet HTML 2Page - Microsemi Corporation APTGT300DA60D3G Datasheet HTML 3Page - Microsemi Corporation APTGT300DA60D3G Datasheet HTML 4Page - Microsemi Corporation APTGT300DA60D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT300DA60D3G
www.microsemi.com
5- 5
Forward Characteristic of diode
TJ=25°C
TJ=150°C
0
100
200
300
400
500
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Hard
switching
ZCS
ZVS
0
20
40
60
80
0
100
200
300
400
IC (A)
VCE=300V
D=50%
RG=2.2Ω
TJ=150°C
Tc=85°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein


Similar Part No. - APTGT300DA60D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT300DA60D3G MICROSEMI-APTGT300DA60D3G Datasheet
214Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT300DA60D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT400DA60D3G MICROSEMI-APTGT400DA60D3G_11 Datasheet
224Kb / 5P
   Boost chopper Trench Field Stop IGBT3 Power Module
APTGT100BB60T3G MICROSEMI-APTGT100BB60T3G Datasheet
529Kb / 6P
   Boost buck chopper Trench Field Stop IGBT3 Power Module
APTGT400SK60D3G MICROSEMI-APTGT400SK60D3G_11 Datasheet
224Kb / 5P
   Buck Chopper Trench Field Stop IGBT3 Power Module
APTGT300SK60D3G MICROSEMI-APTGT300SK60D3G_11 Datasheet
223Kb / 5P
   Buck Chopper Trench Field Stop IGBT3 Power Module
APTGT50DA170TG MICROSEMI-APTGT50DA170TG Datasheet
258Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT450DA60G MICROSEMI-APTGT450DA60G Datasheet
244Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DA170 ADPOW-APTGT150DA170 Datasheet
269Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100DA60TG MICROSEMI-APTGT100DA60TG Datasheet
257Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT150DA120D1G MICROSEMI-APTGT150DA120D1G Datasheet
185Kb / 4P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT400DA120D3G MICROSEMI-APTGT400DA120D3G Datasheet
218Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com