Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5929PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5929PWP
Description  16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5929PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5929PWP Datasheet HTML 3Page - Texas Instruments TLC5929PWP Datasheet HTML 4Page - Texas Instruments TLC5929PWP Datasheet HTML 5Page - Texas Instruments TLC5929PWP Datasheet HTML 6Page - Texas Instruments TLC5929PWP Datasheet HTML 7Page - Texas Instruments TLC5929PWP Datasheet HTML 8Page - Texas Instruments TLC5929PWP Datasheet HTML 9Page - Texas Instruments TLC5929PWP Datasheet HTML 10Page - Texas Instruments TLC5929PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
t
,t
WH0
WH1
,t
,t
,t
:
WL0
WH2
WL2
Input
(1)
SCLKInput
(1)
SIN/LATInput
(1)
t
,t
,t ,t
SU0
SU1
H0
H1:
V
IH
V
IH
V
IL
V
IH
V
IL
V
IL
50%
50%
50%
t
WH
t
WL
t
SU
t
H
t
,t
,t
,t
,t
,t
,t
:
R0
R1
F0
F1
D0
D1
D2
Input
(1)
50%
50%
90%
10%
Output
t
D
t
ort
R
F
V
orV
OL
OUTnL
V
orV
OH
OUTnH
V
IL
V
IH
TLC5929
www.ti.com
SBVS159
– APRIL 2011
PARAMETER MEASUREMENT INFORMATION (continued)
TIMING DIAGRAMS
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 4. Input Timing
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 5. Output Timing
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC5929


Similar Part No. - TLC5929PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5929PWP TI1-TLC5929PWP Datasheet
1Mb / 43P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC5929PWPR TI1-TLC5929PWPR Datasheet
1Mb / 43P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
More results

Similar Description - TLC5929PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5954 TI1-TLC5954 Datasheet
1Mb / 45P
[Old version datasheet]   TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
logo
MY-SEMI INC.
MY9163 MY-SEMI-MY9163 Datasheet
69Kb / 1P
   16-Channel High Accuracy Constant Current LED Driver With Error Diagnostics & Power Saving & Global Current Control
logo
List of Unclassifed Man...
MBI5028 ETC-MBI5028 Datasheet
466Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH GAIN CONTROL
logo
Texas Instruments
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
[Old version datasheet]   TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com