Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24701 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24701
Description  2.5-V to 18-V High-Efficiency Hot-Swap Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24701 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS24701 Datasheet HTML 5Page - Texas Instruments TPS24701 Datasheet HTML 6Page - Texas Instruments TPS24701 Datasheet HTML 7Page - Texas Instruments TPS24701 Datasheet HTML 8Page - Texas Instruments TPS24701 Datasheet HTML 9Page - Texas Instruments TPS24701 Datasheet HTML 10Page - Texas Instruments TPS24701 Datasheet HTML 11Page - Texas Instruments TPS24701 Datasheet HTML 12Page - Texas Instruments TPS24701 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
0
4
8
12
16
20
Input Voltage, V
(V)
VCC
8
12
16
20
24
28
32
T = 25°C
T = 125°C
T = –40°C
3
4
5
6
7
0
4
8
12
16
20
Input Voltage, V
(V)
VCC
T = 25°C
T = 125°C
T = –40°C
0
0.4
0.8
1.2
1.6
2
–50
–20
–10
10
30
50
70
90
110
130
Temperature (°C)
V
= 12 V
VCC
EN Upper Threshold
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 12 V
VCC
2.20
2.24
2.28
2.32
2.36
UVLO Upper Threshold
UVLO Lower Threshold
140
160
180
200
220
240
50
–2
0
10
40
70
100
130
Temperature(°C)
PGbFalling
PGbRising
60
50
–2
0
10
40
70
100
130
Temperature (°C)
60.5
61
61.5
62
62.5
63
63.5
64
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
TPS24700
TPS24701
www.ti.com
SLVSAL3B
– MARCH 2011 – REVISED MAY 2011
TYPICAL CHARACTERISTICS (continued)
Figure 11. Gate Voltage With Zero Gate Current vs VVCC
Figure 12. TIMER Activation Voltage Threshold vs VVCC at
Various Temperatures
Figure 13. EN Threshold Voltage vs Temperature
Figure 14. UVLO Threshold Voltages vs Temperature
Figure 15. Threshold of VDS vs Temperature, PGb Rising
Figure 16. Fast-Trip Threshold vs Temperature
and Falling
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS24700 TPS24701


Similar Part No. - TPS24701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Similar Description - TPS24701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com