Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24711 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24711
Description  2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24711 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS24711 Datasheet HTML 2Page - Texas Instruments TPS24711 Datasheet HTML 3Page - Texas Instruments TPS24711 Datasheet HTML 4Page - Texas Instruments TPS24711 Datasheet HTML 5Page - Texas Instruments TPS24711 Datasheet HTML 6Page - Texas Instruments TPS24711 Datasheet HTML 7Page - Texas Instruments TPS24711 Datasheet HTML 8Page - Texas Instruments TPS24711 Datasheet HTML 9Page - Texas Instruments TPS24711 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
R
SET
R
IMON
POR
B0438-02
VCC
GATE
0~60 µA
11 mA
30 µA
60 mV
1-shot
2.22 V
UVLO
1.5 V
Fault Logic
1.35 V
0.35 V
Charge
Pump
SENSE
R
GATE
PROG
2.32 V
OUT
V
IN
Servo
Amplifier
Fast
Comparator
OUT
PGb (PG)
FLTb (FLT)
14 µs
TSD
DC
PG
Comparator
Main Opamp in Inrush
Becomes Comparator
After Inrush Limit
Complete
2 ms
10 µA
10 µA
+
+
VCC
6 V
Gate
Comparator
20 k
TIMER
Inrush
Latch
240 mV
+
GND
M
1
C
T
DC
S
R
Q
Q
+
170 mV
+
+
R
SENSE
R
PROG
+
+
1.3 V
1.35 V
+
2
EN
3
9
4
6
1
10
5
8
7
A
B
KpA
, 675 mV
B
Min
æ
ö
ç
÷
è
ø
IMON
SET
R
27
R
=
TPS24710, TPS24711
TPS24712, TPS24713
SLVSAL2C
– JANUARY 2011 – REVISED MAY 2011
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
NOTE: Pins 1 and 10 are PG and FLT, respectively, for TPS24712/13
Figure 4. Block Diagram of the TPS24710/11
PIN FUNCTIONS
PINS
NAME
I/O
DESCRIPTION
TPS24710/11 TPS24712/13
EN
2
2
I
Active-high enable input. Logic input. Connects to resistor divider.
FLT
-
10
Active-high, open-drain output indicates overload fault timer has turned MOSFET off.
O
FLTb
10
-
Active-low, open-drain output indicates overload fault timer has turned MOSFET off.
GATE
7
7
O
Gate driver output for external MOSFET
GND
5
5
Ground
OUT
6
6
I
Output voltage sensor for monitoring MOSFET power.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS24710 TPS24711 TPS24712 TPS24713


Similar Part No. - TPS24711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24711 TI1-TPS24711 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24711DGS TI1-TPS24711DGS Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24711DGS TI1-TPS24711DGS Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24711DGSR TI1-TPS24711DGSR Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24711DGSR TI1-TPS24711DGSR Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Similar Description - TPS24711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
TPS24710 TI1-TPS24710_15 Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com