Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53317RGBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317RGBR
Description  3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317RGBR Datasheet(HTML) 4 Page - Texas Instruments

  TPS53317RGBR Datasheet HTML 1Page - Texas Instruments TPS53317RGBR Datasheet HTML 2Page - Texas Instruments TPS53317RGBR Datasheet HTML 3Page - Texas Instruments TPS53317RGBR Datasheet HTML 4Page - Texas Instruments TPS53317RGBR Datasheet HTML 5Page - Texas Instruments TPS53317RGBR Datasheet HTML 6Page - Texas Instruments TPS53317RGBR Datasheet HTML 7Page - Texas Instruments TPS53317RGBR Datasheet HTML 8Page - Texas Instruments TPS53317RGBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS53317
SLUSAK4
– JUNE 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended free-air temperature range, VV5IN = 5.0 V, PGND = GND (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY: VOLTAGE, CURRENTS AND 5 V UVLO
IVINSD
VIN shutdown current
EN =
'LO'
0.02
5
µA
V5VIN
5VIN supply voltage
V5IN voltage range
4.5
5.0
6.5
V
I5VIN
5VIN supply current
EN =
’HI’, V5IN supply current
1.1
2
mA
I5VINSD
5VIN shutdown current
EN =
‘LO’, V5IN shutdown current
0.2
7.0
µA
VV5UVLO
V5IN UVLO
Ramp up; EN =
'HI'
4.20
4.37
4.50
V
VV5UVHYS
V5IN UVLO hysteresis
Falling hysteresis
440
mV
VVREFUVLO
REF UVLO(1)
Rising edge of VREF, EN =
'HI'
1.8
V
VVREFUVHYS
REF UVLO hysteresis(1)
100
mV
VPOR5VFILT
Reset
OVP latch is reset by V5IN falling below the reset threshold
1.5
2.3
3.1
V
VOLTAGE FEEDBACK LOOP: VREF, VOUT, AND VOLTAGE GM AMPLIFIER
VOUTTOL
VOUT accuracy
VREFIN = 1 V, No droop
–1%
0%
1%
IVREF = 0 µA
1.98
2.00
2.02
VVREF
VREF
V
IVREF = 50 µA
1.975
2.000
2.025
IREFSNK
VREF sink current
VVREF = 2.05 V
2.5
mA
GM
Transconductance
1.00
mS
VCM
Common mode input voltage range(1)
0
2
V
VDM
Differential mode input voltage
0
80
mV
ICOMPSNK
COMP pin maximum sinking current
VCOMP = 2 V, (VREFIN - VOUT) = 80 mV
80
µA
ICOMPSRC
COMP pin maximum sourcing current
VCOMP = 2 V
-80
µA
VOFFSET
Input offset voltage
TA = 25°C
0
mV
RDSCH
Output voltage discharge resistance
42
Ω
f–3dbVL
–3dB Frequency(1)
4.5
6.0
7.5
MHz
CURRENT SENSE: CURRENT SENSE AMPLIFIER, OVERCURRENT AND ZERO CROSSING
Gain from the current of the low-side FET to PWM comparator
ACSINT
Internal current sense gain
43
53
57
mV/A
when PWM =
"OFF"
IOCL
Positive overcurrent limit (valley)
7.6
A
IOCL(neg)
Negative overcurrent limit (valley)
–9.3
A
VZXOFF
Zero crossing comp internal offset
0
mV
PROTECTION: OVP, UVP, PGOOD, and THERMAL SHUTDOWN
PGOOD deassert to lower
VPGDLL
Measured at the VOUT pin wrt/ VREFIN
84%
(PGOOD
→ Low)
VPGHYSHL
PGOOD high hysteresis
8%
PGOOD de-assert to higher
VPGDLH
Measured at the VOUT pin wrt/ VREFIN
116%
(PGOOD
→ Low)
VPGHYSHH
PGOOD high hysteresis
-8%
Minimum VIN voltage for valid
Measured at the VIN pin with a 2-mA sink current on PGOOD
VINMINPG
0.9
1.3
1.5
V
PGOOD
pin
VOVP
OVP threshold
Measured at the VOUT pin wrt/ VREFIN
117%
120%
123%
Measured at the VOUT pin wrt/ VREFIN, device latches OFF,
VUVP
UVP threshold
65%
68%
71%
begins soft-stop
THSD
Thermal shutdown(1)
Latch off controller, attempt soft-stop.
145
°C
THSD(hys)
Thermal Shutdown hysteresis(1)
Controller re-starts after temperature has dropped
10
°C
(1)
Ensured by design, not production tested.
4
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS53317RGBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317RGBR TI1-TPS53317RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317RGBR TI1-TPS53317RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
More results

Similar Description - TPS53317RGBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com