Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53317RGBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317RGBT
Description  3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317RGBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS53317RGBT Datasheet HTML 1Page - Texas Instruments TPS53317RGBT Datasheet HTML 2Page - Texas Instruments TPS53317RGBT Datasheet HTML 3Page - Texas Instruments TPS53317RGBT Datasheet HTML 4Page - Texas Instruments TPS53317RGBT Datasheet HTML 5Page - Texas Instruments TPS53317RGBT Datasheet HTML 6Page - Texas Instruments TPS53317RGBT Datasheet HTML 7Page - Texas Instruments TPS53317RGBT Datasheet HTML 8Page - Texas Instruments TPS53317RGBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
17
8
7
16
10
BST
SW
PGND
VOUT
VIN
EN
COMP
VREF
TPS53317
9
20
REFIN
V5IN
19
18
6
PGOOD
MODE
GND
PGOOD
VOUT
PGND
GND
GND
5VIN
UDG-11105
VIN
PGND GND
GND
TPS53317
www.ti.com
SLUSAK4
– JUNE 2011
3.3-V/5-V Input, 6-A, D-CAP+
™ Mode Synchronous Step-Down Integrated FETs Converter
Check for Samples: TPS53317
1
FEATURES
APPLICATIONS
2
TI proprietary Integrated MOSFET and
VTT Terminators
Packaging Technology
Low-Voltage Applications for 1-V to 6-V
External Tracking
Step-Down Rails
Minimum External Components Count
DESCRIPTION
1-V to 6-V Conversion Voltage
The TPS53317 is a fully-integrated,synchronous buck
D-CAP+
™ Mode Architecture
regulator employing D-CAP+
™ technology. It is used
Supports All MLCC Output Capacitors and
for rail step-downs from 1 V to 6 V where space is a
SP/POSCAP
consideration, and an optimized component count is
Selectable SKIP and Forced CCM
required.
Optimized Efficiency at Light and Heavy Loads
The TPS53317 features two switching frequency
Selectable 600-kHz and 1-MHz Switching
settings (600 kHz and 1 MHz), synchronous operation
Frequency
in skip (low ripple) mode, integrated droop support,
Selectable Overcurrent Limit (OCL)
external tracking support, pre-bias startup, output soft
discharge, integrated bootstrap switch, power good
Overvoltage Protection and Hiccup
function, EN/Input UVLO protection, and both output
Undervoltage Protection
ceramic
and
SP/POS/AL
capacitor
support.
It
Thermal Shutdown
supports supply and conversion voltages up to 6.0 V,
Adjustable Output Voltage Ranging Between
and output voltages adjustable from 0.6 V to 2.0 V. It
0.6 V and 2 V
also provides external tracking support.
Small 3.5 mm
× 4 mm, 20-Pin QFN Package
The TPS53317 is available in the 3.5 mm by 4 mm,
20-pin QFN package (Green RoHs compliant and Pb
free) with TI proprietary Integrated MOSFET and
packaging technology and is specified from -40
°C to
85
°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP+ is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS53317RGBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317RGBT TI1-TPS53317RGBT Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317RGBT TI1-TPS53317RGBT Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
More results

Similar Description - TPS53317RGBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com