Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54429EPWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54429EPWPR
Description  7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54429EPWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS54429EPWPR Datasheet HTML 1Page - Texas Instruments TPS54429EPWPR Datasheet HTML 2Page - Texas Instruments TPS54429EPWPR Datasheet HTML 3Page - Texas Instruments TPS54429EPWPR Datasheet HTML 4Page - Texas Instruments TPS54429EPWPR Datasheet HTML 5Page - Texas Instruments TPS54429EPWPR Datasheet HTML 6Page - Texas Instruments TPS54429EPWPR Datasheet HTML 7Page - Texas Instruments TPS54429EPWPR Datasheet HTML 8Page - Texas Instruments TPS54429EPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS54429E
SLVSAS0 –FEBRUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
Iocl
Current limit
LOUT = 1.5 μH(2), TA = -20 ºC to 85 ºC
5.2
5.9
8.0
A
THERMAL SHUTDOWN
Shutdown temperature (2)
165
TSDN
Thermal shutdown threshold
°
C
Hysteresis (2)
30
ON-TIME TIMER CONTROL
TON
On time
VIN = 12 V, VO = 1.05 V
145
ns
TOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.7 V
260
310
ns
SOFT START
ISSC
SS charge current
VSS = 0 V
1.4
2.0
2.6
μ
A
ISSD
SS discharge current
VSS = 0.5 V
0.1
0.2
mA
POWER GOOD
VFB rising (good)
85
90
95
%
VTHPG
PG threshold
VFB falling (fault)
85
%
IPG
PG sink current
PG = 0.5 V
2.5
5
mA
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP trip threshold
OVP detect
115
120
125
%
TOVPDEL
Output OVP prop delay
10
μ
s
UVP detect
60
65
70
%
VUVP
Output UVP trip threshold
Hysteresis
10
%
TUVPDEL
Output UVP delay
0.25
ms
TUVPEN
Output UVP enable delay
Relative to soft-start time
x 1.7
UVLO
Wake up VREG5 voltage
3.5
3.8
4.1
VUVLO
UVLO threshold
V
Hysteresis VREG5 voltage
0.23
0.35
0.47
(2) Not production tested.
4
©
2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54429E


Similar Part No. - TPS54429EPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54429E TI-TPS54429E_15 Datasheet
1,006Kb / 29P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Similar Description - TPS54429EPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54429 TI1-TPS54429 Datasheet
656Kb / 22P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down ( SWIFT?? Converter
TPS54429E TI-TPS54429E_15 Datasheet
1,006Kb / 29P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com