Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54478RTET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54478RTET
Description  2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54478RTET Datasheet(HTML) 2 Page - Texas Instruments

  TPS54478RTET Datasheet HTML 1Page - Texas Instruments TPS54478RTET Datasheet HTML 2Page - Texas Instruments TPS54478RTET Datasheet HTML 3Page - Texas Instruments TPS54478RTET Datasheet HTML 4Page - Texas Instruments TPS54478RTET Datasheet HTML 5Page - Texas Instruments TPS54478RTET Datasheet HTML 6Page - Texas Instruments TPS54478RTET Datasheet HTML 7Page - Texas Instruments TPS54478RTET Datasheet HTML 8Page - Texas Instruments TPS54478RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TPS54478
SLVSAS2
– JUNE 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TJ
PACKAGE
PART NUMBER
–40°C to 150°C
3
× 3 mm QFN
TPS54478RTE
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
UNIT
VIN
–0.3 to 7
EN
–0.3 to 7
BOOT
PH + 7
VSENSE
–0.3 to 3
Input voltage
V
COMP
–0.3 to 3
PWRGD
–0.3 to 7
SS/TR
–0.3 to 3
RT/CLK
–0.3 to 3.3
BOOT-PH
7
Output voltage
PH
–0.6 to 7
V
PH 10 ns Transient
–2 to 10
EN
100
Source current
µA
RT/CLK
100
COMP
100
µA
Sink current
PWRGD
10
mA
SS/TR
100
µA
Electrostatic discharge (Human Body Model) QSS 009-105 (JESD22-A114A)(2)
2
kV
Electrostatic discharge (Charged Devic Model) QSS 009-147 (JESD22-C101B.01)
500
V
Tj
–40 to 150
°C
Temperature
Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under ELECTRICAL
SPECIFICATIONS is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
2
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS54478RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54478RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57112-Q1 TI-TPS57112-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS57112-Q1 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com