Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTML1002U60R020T3AG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTML1002U60R020T3AG
Description  Linear MOSFET Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTML1002U60R020T3AG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTML1002U60R020T3AG_10 Datasheet HTML 1Page - Microsemi Corporation APTML1002U60R020T3AG_10 Datasheet HTML 2Page - Microsemi Corporation APTML1002U60R020T3AG_10 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APTML1002U60R020T3AG
www.microsemi.com
1 – 3
16
15
18
20
23 22
13
11 12
14
8
7
29
30
28 27 26
3
32
31
10
19
2
25
4
Pins 13/14 ; 29/30 ; 31/32 must be shorted together
Absolute maximum ratings (per leg)
In saturation mode
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1000
V
Tc = 25°C
20
ID
Continuous Drain Current
Tc = 80°C
14
IDM
Pulsed Drain current
74
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
720
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
520
W
Application
Electronic load dedicated to power supplies and
battery discharge testing
Features
• Linear MOSFET
• Very low stray inductance
• Internal thermistor for temperature monitoring
• High level of integration
• AlN substrate for improved thermal performance
Benefits
Direct mounting to heatsink (isolated package)
easy series and parallels combinations for power and
voltage improvements
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
RoHS Compliant
Linear MOSFET
Power Module
VDSS = 1000V
RDSon = 600mΩ typ @ Tj = 25°C
ID = 20A @ Tc = 25°C


Similar Part No. - APTML1002U60R020T3AG_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTML1002U60R020T3AG MICROSEMI-APTML1002U60R020T3AG Datasheet
95Kb / 3P
   Linear MOSFET Power Module
More results

Similar Description - APTML1002U60R020T3AG_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTML1002U60R020T3AG MICROSEMI-APTML1002U60R020T3AG Datasheet
95Kb / 3P
   Linear MOSFET Power Module
APTML102UM09R004T3AG MICROSEMI-APTML102UM09R004T3AG Datasheet
98Kb / 3P
   Linear MOSFET Power Module
APTML10UM09R004T1AG MICROSEMI-APTML10UM09R004T1AG Datasheet
102Kb / 3P
   Linear MOSFET Power Module
APTML20UM18R010T1AG MICROSEMI-APTML20UM18R010T1AG Datasheet
111Kb / 3P
   Linear MOSFET Power Module
APTML60U12R020T1AG MICROSEMI-APTML60U12R020T1AG Datasheet
103Kb / 3P
   Linear MOSFET Power Module
APTML502UM90R020T3AG MICROSEMI-APTML502UM90R020T3AG_10 Datasheet
99Kb / 3P
   Linear MOSFET Power Module
APTML502UM90R020T3AG MICROSEMI-APTML502UM90R020T3AG Datasheet
99Kb / 3P
   Linear MOSFET Power Module
APTML50UM90R020T1AG MICROSEMI-APTML50UM90R020T1AG Datasheet
106Kb / 3P
   Linear MOSFET Power Module
APTML50UM90R020T1AG MICROSEMI-APTML50UM90R020T1AG_10 Datasheet
106Kb / 3P
   Linear MOSFET Power Module
APTML100U60R020T1AG MICROSEMI-APTML100U60R020T1AG_10 Datasheet
102Kb / 3P
   Linear MOSFET Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com