Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62360YZHR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360YZHR
Description  Processor Supply with I2C Compatible Interface and Remote Sense
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62360YZHR Datasheet(HTML) 4 Page - Texas Instruments

  TPS62360YZHR Datasheet HTML 1Page - Texas Instruments TPS62360YZHR Datasheet HTML 2Page - Texas Instruments TPS62360YZHR Datasheet HTML 3Page - Texas Instruments TPS62360YZHR Datasheet HTML 4Page - Texas Instruments TPS62360YZHR Datasheet HTML 5Page - Texas Instruments TPS62360YZHR Datasheet HTML 6Page - Texas Instruments TPS62360YZHR Datasheet HTML 7Page - Texas Instruments TPS62360YZHR Datasheet HTML 8Page - Texas Instruments TPS62360YZHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
TPS62360, TPS62361B, TPS62362
SLVSAU9
– MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted the specification applies for VIN = 3.6V over an operating ambient temp.
–40°C ≤ TA ≤ 85°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Logic input leakage current at EN, VSEL0,
Internal pulldown resistors
ILKG
0.05
µA
VSEL1, SDA, SCL
disabled
Pull down resistance at EN, VSEL0,
Internal pulldown resistors
RPD
300
k
Ω
VSEL1
enabled
Fast mode
400
kHz
I2C clock frequency
High speed mode
3.4
MHz
POWER SWITCH
High side MOSFET switch
VIN = 3.6V
25
44
75
m
Ω
RDS(on)
Low side MOSFET switch
VIN = 3.6V
25
32
50
m
Ω
High side MOSFET forward current limit
VIN = 3.6V
3.0
3.6
4.3
A
ILIMF
Low side MOSFET forward current limit
VIN = 3.6V
2.6
3
3.8
A
Low side MOSFET negative current limit
VIN = 3.6V, PWM mode
2.2
2.5
2.9
A
fSW
Nominal switching frequency
PWM mode
2.5
MHz
TJEW
Die temperature early warning
120
°C
TJSD
Thermal shutdown
150
°C
TJSD,HYST
Thermal shutdown hysteresis
20
°C
tON,min
Minimum on time
120
ns
OUTPUT
TPS62360/6
0.77
1.4
10mV
2
VOUT
Output voltage range
V
increments
TPS62361B
0.5
1.77
No load,
TPS62360/62:
Forced
VIN = 2.5V ..
PWM,
-0.5%
+0.5%
5.5V
VOUT =
VOUT = 0.77V ..
[0.77V, 1.3V]
1.4V
TJ = 85°C
Output voltage accuracy
TPS62361B:
No load,
VIN = 2.7V ..
Forced
5.5V
PWM,
-1%
±0.5%
+1%
VOUT = 0.5V ..
TJ = -40 ..
1.77V
150
°C
Line regulation
IOUT = 1A, forced PWM
< 0.1
%/V
Load regulation
VOUT = 1.2V, forced PWM
< 0.05
%/A
Time from active EN to
VOUT = 1.4V,
tStart
Start-up time
1
ms
COUT < 100µF, RMP[2:0] = 000,
IOUT = 0mA
RSense
Input resistance between Sense+, Sense
2.2
M
Ω
RMP[2:0] = 000
32
RMP[2:0] = 001
16
RMP[2:0] = 010
8
RMP[2:0] = 011
4
Ramp timer
mV/
µs
RMP[2:0] = 100
2
RMP[2:0] = 101
1
RMP[2:0] = 110
0.5
RMP[2:0] = 111
0.25
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62360 TPS62361B TPS62362


Similar Part No. - TPS62360YZHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360YZHR TI-TPS62360YZHR Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360YZHR TI1-TPS62360YZHR Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360YZHR TI1-TPS62360YZHR Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - TPS62360YZHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62366A TI1-TPS62366A Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com