Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF477FL Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ARF477FL
Description  RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF477FL Datasheet(HTML) 1 Page - Microsemi Corporation

  ARF477FL_10 Datasheet HTML 1Page - Microsemi Corporation ARF477FL_10 Datasheet HTML 2Page - Microsemi Corporation ARF477FL_10 Datasheet HTML 3Page - Microsemi Corporation ARF477FL_10 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
RF POWER MOSFET
N - CHANNEL PUSH - PULL PAIR
165V
400W
100MHz
The ARF477FL is a matched pair of RF power transistors in a common source configuration. It is designed for high
voltage push-pull or parallel operation in narrow band ISM and MRI power amplifiers up to 100 MHz.
Specified 150 Volt, 65 MHz Characteristics:
Output Power = 400 Watts
Gain = 15dB (Class AB)
Efficiency = 50% min
High Performance Push-Pull RF Package.
High Voltage Breakdown and Large SOA
for Superior Ruggedness.
Low Thermal Resistance.
RoHS Compliant
ARF477FL
Common Source
Push-Pull Pair
G
G
D
S
S
S
S
D
Microsemi Website - http://www.microsemi.com
ARF477FL
Symbol
Parameter
Ratings
Unit
V
DSS
Drain-Source Voltage
500
V
V
DGO
Drain-Gate Voltage
500
I
D
Continuous Drain Current @ T
C = 25°C (each device)
15
A
V
GS
Gate-Source Voltage
±30
V
P
D
Total Power Dissipation @ T
C = 25°C
750
W
T
J, TSTG
Operating and Storage Junction Temperature Range
-55 to 175
°C
T
L
Lead Temperature: 0.063” from Case for 10 Sec.
300
Static Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
BV
DSS
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 μA)
500
V
V
DS(ON)
On State Drain Voltage 1 (I
D(ON) = 7.5A, VGS = 10V)
2.9
4
I
DSS
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V)
25
μA
Zero Gate Voltage Drain Current (V
DS = 50VDSS, VGS = 0, TC = 125°C)
250
I
GSS
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
±100
nA
g
fs
Forward Transconductance (V
DS = 15V, ID = 7.5A)
3.5
5.6
8
mhos
g
fs1/gfa2
Forward Transconductance Match Ratio (V
DS = 15V, ID = 5A)
0.9
1.1
V
GS(TH)
Gate Threshold Voltage (V
DS = VGS, ID = 50mA)
35
V
GS(TH)
Gate Threshold Voltage Match (V
DS = VGS, ID = 50mA)
0.2
Volts
CAUTION:
These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
Symbol
Parameter
Min
Typ
Max
Unit
R
θJC
Junction to Case
0.18
0.2
°C/W
R
θJHS
Junction to Sink (High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.)
0.30
0.32
Thermal Characteristics


Similar Part No. - ARF477FL_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ARF477FL MICROSEMI-ARF477FL Datasheet
159Kb / 4P
   RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
More results

Similar Description - ARF477FL_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ARF475FL MICROSEMI-ARF475FL Datasheet
485Kb / 4P
   RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF476FL MICROSEMI-ARF476FL Datasheet
189Kb / 4P
   RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF477FL MICROSEMI-ARF477FL Datasheet
159Kb / 4P
   RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF476FL MICROSEMI-ARF476FL_10 Datasheet
156Kb / 4P
   RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF475FL MICROSEMI-ARF475FL_10 Datasheet
144Kb / 4P
   RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
logo
New Jersey Semi-Conduct...
MRF393 NJSEMI-MRF393 Datasheet
93Kb / 2P
   NPN Silicon Push-Pull RF Power TVansistor
logo
Microsemi Corporation
DRF1301 MICROSEMI-DRF1301_11 Datasheet
280Kb / 4P
   MOSFET Push-Pull Hybrid
DRF1301 MICROSEMI-DRF1301 Datasheet
176Kb / 4P
   MOSFET Push-Pull Hybrid
logo
Tyco Electronics
MRF393 MACOM-MRF393 Datasheet
138Kb / 4P
   The RF Line NPN Silicon Push-Pull RF Power Transistor
MRF392 MACOM-MRF392 Datasheet
165Kb / 4P
   Tthe RF Line NPN Silicon Push-Pull RF Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com