Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62730DRY Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62730DRY
Description  Step Down Converter with Bypass Mode for Ultra Low Power Wireless
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62730DRY Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62730DRY Datasheet HTML 4Page - Texas Instruments TPS62730DRY Datasheet HTML 5Page - Texas Instruments TPS62730DRY Datasheet HTML 6Page - Texas Instruments TPS62730DRY Datasheet HTML 7Page - Texas Instruments TPS62730DRY Datasheet HTML 8Page - Texas Instruments TPS62730DRY Datasheet HTML 9Page - Texas Instruments TPS62730DRY Datasheet HTML 10Page - Texas Instruments TPS62730DRY Datasheet HTML 11Page - Texas Instruments TPS62730DRY Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
0
5
10
15
20
25
30
35
T = -40°C
A
T = -20°C
A
T = 50°C
A
T = 60°C
A
T = 70°C
A
T = 85°C
A
T = 0°C
A
T = 25°C
A
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
V
- Input Voltage - V
IN
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
V
- Input Voltage - V
IN
10
100
1k
T = -40°C
A
T = 25°C
A
T = 50°C
A
T = 60°C
A
T = 70°C
A
T = 85°C
A
0
0.5
1
1.5
2
2.5
3
3.5
4
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
V
- Input Voltage - V
IN
T = -40°C
A
T = -20°C
A
T = 50°C
A
T = 60°C
A
T = 70°C
A
T = 85°C
A
T = 0°C
A
T = 25°C
A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
V
- Input Voltage - V
IN
T = 25°C
A
T = 50°C
A
T = 60°C
A
T = 70°C
A
T = 85°C
A
T = -20°C
A
T = 0°C
A
T = -40°C
A
TPS62730
SLVSAC3
– MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 5. Shutdown Current Bypass Mode vs Input
Figure 6. Operating Quiescent Current vs Input Voltage
Voltage
Figure 7. rDS(ON) Bypass vs Input Voltage
Figure 8. rDS(ON) PMOS vs Input Voltage
8
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS62730DRY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730DRYR TI-TPS62730DRYR Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730DRYT TI-TPS62730DRYT Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results

Similar Description - TPS62730DRY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
logo
Maxim Integrated Produc...
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
logo
Texas Instruments
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com