Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82671 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82671
Description  600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82671 Datasheet(HTML) 2 Page - Texas Instruments

  TPS82671 Datasheet HTML 1Page - Texas Instruments TPS82671 Datasheet HTML 2Page - Texas Instruments TPS82671 Datasheet HTML 3Page - Texas Instruments TPS82671 Datasheet HTML 4Page - Texas Instruments TPS82671 Datasheet HTML 5Page - Texas Instruments TPS82671 Datasheet HTML 6Page - Texas Instruments TPS82671 Datasheet HTML 7Page - Texas Instruments TPS82671 Datasheet HTML 8Page - Texas Instruments TPS82671 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TPS82671
TPS82675, TPS82677
SLVSAI0A
– OCTOBER 2010 – REVISED APRIL 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION (1)
PART
OUTPUT
DEVICE
PACKAGE
TA
ORDERING(3)
NUMBER
VOLTAGE(2)
SPECIFIC FEATURE
MARKING
PWM Spread Spectrum Modulation
TPS82671
1.8V
TPS82671SIP
RA
Low PFM Output Ripple Voltage
PWM Spread Spectrum Modulation
TPS82672
1.5V(4)
Low PFM Output Ripple Voltage
PWM Spread Spectrum Modulation
TPS82674
1.2V(4)
Low PFM Output Ripple Voltage
Output Capacitor Discharge
-40
°C to 85°C
PWM Spread Spectrum Modulation
TPS82675
1.2V
TPS82675SIP
RB
Low PFM Output Ripple Voltage
PWM Spread Spectrum Modulation
TPS82676
1.1V(4)
Low PFM Output Ripple Voltage
TPS82676SIP
TU
Output Capacitor Discharge
TPS82677
1.2V
Output Capacitor Discharge
TPS82677SIP
SK
PWM Spread Spectrum Modulation
TPS82678
1.35V(4)
TPS82678SIP
TT
Output Capacitor Discharge
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Internal tap points are available to facilitate output voltages in 25mV increments.
(3)
The SIP package is available in tape and reel. Add a R suffix (e.g. TPS82671SIPR) to order quantities of 3000 parts. Add a T suffix (e.g.
TPS82671SIPT) to order quantities of 250 parts.
(4)
Product preview.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
Voltage at VIN(2)(3)
–0.3
6
V
VI
Voltage at VOUT(3)
–0.3
3.6
V
Voltage at EN, MODE (3)
–0.3
VIN + 0.3
V
Power dissipation
Internally limited
TA
Operating temperature range(4)
–40
85
°C
TINT (max)
Maximum internal operating temperature
125
°C
Tstg
Storage temperature range
–55
125
°C
Human body model
2
kV
ESD rating (5)
Charge device model
1
kV
Machine model
200
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Operation above 4.8V input voltage for extended periods may affect device reliability.
(3)
All voltage values are with respect to network ground terminal.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating temperature (TINT(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve optimum performance, it is
recommended to operate the device with a maximum internal temperature of 105
°C.
(5)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
2
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TPS82671

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82671 TI-TPS82671 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results

Similar Description - TPS82671

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com