Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HU20260 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # HU20260
Description  Ultrafast Recovery Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HU20260 Datasheet(HTML) 1 Page - Microsemi Corporation

  HU20260 Datasheet HTML 1Page - Microsemi Corporation HU20260 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39.62
19.69
Maximum
Sq.
Dia.
19.18
30.28
4.06
14.73
4.06
15.88
38.61
18.42
Minimum
Millimeter
3.96
13.34
3.86
18.92
30.02
15.37
Dia.
3.30
12.83
3.05
12.57
1.52
.725
.745
1.182
.156
.525
.152
.605
B
A
D
E
G
J
H
F
C
Dim. Inches
Minimum
.120
.495
K
L
1.56
.130
.160
.580
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
Maximum
Notes
Baseplate: Nickel plated
copper
Rev. Polarity
Base is anode
Std. Polarity
B
D
G
J
C
F
K
Notes:
L
E
A
H
Base is cathode
ROHS Compliant
*Add Suffix R for Reverse Polarity
600V
700V
800V
HU20270*
700V
HU20280*
800V
Ultra Fast Recovery
200 Amp current rating
175°C Junction Temperature
Microsemi
HU20260*
Working Peak
Reverse Voltage
600V
Catalog Number
Reverse Voltage
Repetitive Peak
Average forward current
rr
t
Max peak reverse recovery time
130 nS
V
I F = 1A, R = 30V di/dt = 25A/µS
R
T
T
T
T
T
I
V
V
RRM, J = 25°C
T
V
8.3ms, half sine, J = 175°C
FM = 200A: J = 25°C*
RRM, J = 125°C*
R = 10V, J = 25°C
C = 120°C, Square wave,
0JC = 0.24°C/W
I
FM
I
V
RM
RM
I
I
FSM
F(AV)
J
C
Maximum surge current
Max peak forward voltage
Max peak reverse current
Max peak reverse current
Typical junction capacitance
Electrical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
400 pF
50 uA
8 mA
1.35 Volts
2100 Amps
200 Amps
Thermal and Mechanical Characteristics
0.12°C/W
0.24°C/W
Case to sink
Junction to case
-55°C to 175°C
-55°C to 175°C
35-40 inch pounds
1.1 ounces (32 grams) typical
20-25 inch pounds
T
J
T
R
R
STG
OCS
OJC
Weight
Mounting Base Torque (outside holes)
Terminal Torque
Typical thermal resistance (greased)
Max thermal resistance
Operating junction temp range
Storage temp range
Ultrafast Recovery Modules
HU20260 - HU20280
January, 2011 - Rev. 3
www.microsemi.com


Similar Part No. - HU20260

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HU20260 MICROSEMI-HU20260 Datasheet
127Kb / 2P
   Ultrafast recovery Modules
More results

Similar Description - HU20260

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MTT200A60CU GOOD-ARK-MTT200A60CU Datasheet
735Kb / 1P
   Ultrafast Recovery Modules
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010_11 Datasheet
117Kb / 2P
   Ultrafast Recovery Modules
UFT150 MICROSEMI-UFT150_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT140 MICROSEMI-UFT140_10 Datasheet
218Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010 Datasheet
126Kb / 2P
   Ultrafast recovery Modules
UFT70SM MICROSEMI-UFT70SM_10 Datasheet
219Kb / 4P
   Ultrafast Recovery Modules
UFT100 MICROSEMI-UFT100_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT120 MICROSEMI-UFT120_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT210 MICROSEMI-UFT210_10 Datasheet
216Kb / 4P
   Ultrafast Recovery Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com