Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB80100 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SPB80100
Description  4 X 80A Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SPB80100 Datasheet(HTML) 2 Page - Microsemi Corporation

  SPB80100 Datasheet HTML 1Page - Microsemi Corporation SPB80100 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPB8080 - SPB80100
Reverse Voltage - Volts
40
.01
0.1
25 C
0
75 C
20
60
80
100
0.6
Instantaneous Forward Voltage - Volts
Typical Reverse Characteristics - Per Leg
1.0
10
125 C
100
1000
1.0
Figure 2
0
2.0
0.4
0.2
1.0
0.8
1.2
1.4
150 C
10
4.0
6.0
8.0
20
40
60
80
100
200
25 C
Typical Forward Characteristics - Per Leg
Figure 1
140
DC
30
Average Forward Current - Amperes
0
0
15
30
90
60
120
Average Forward Current - Amperes
Maximum Forward Power Dissipation - Per Leg
Figure 5
75
45
60
90
105
0
110
120
130
30
180
90
120
90
120
60
90
120
180
150
DC
150
Forward Current Derating - Per Leg
Reverse Voltage - Volts
Figure 4
170
150
160
180
0.1
100
500
1000
0.5
1.0
5.0
10
50
Typical Junction Capacitance - Per Leg
Figure 3
10000
5000
100
1000
800
600
400
150 C
January, 2010 - Rev. 2
www.microsemi.com


Similar Part No. - SPB80100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPB80100 MICROSEMI-SPB80100 Datasheet
142Kb / 2P
   4 X 80A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SPB80100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPB8035 MICROSEMI-SPB8035 Datasheet
120Kb / 2P
   4 X 80A Schottky Barrier Rectifier
SPB8080 MICROSEMI-SPB8080 Datasheet
142Kb / 2P
   4 X 80A SCHOTTKY BARRIER RECTIFIER
logo
Digitron Semiconductors
MBR8035 DIGITRON-MBR8035 Datasheet
827Kb / 3P
   80A SCHOTTKY RECTIFIER
logo
Nihon Inter Electronics...
PC80QL03N NIEC-PC80QL03N Datasheet
50Kb / 2P
   Schottky Barrier Diode MODULE 80A/30A
logo
Microsemi Corporation
SPB10035 MICROSEMI-SPB10035 Datasheet
131Kb / 2P
   2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB16035 MICROSEMI-SPB16035 Datasheet
135Kb / 2P
   2 X 160A SCHOTTKY BARRIER RECTIFIER
SPB10080 MICROSEMI-SPB10080 Datasheet
131Kb / 2P
   2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10015 MICROSEMI-SPB10015 Datasheet
128Kb / 2P
   2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB16080 MICROSEMI-SPB16080 Datasheet
130Kb / 2P
   2 X 160A SCHOTTKY BARRIER RECTIFIER
logo
Solid States Devices, I...
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
   80A 45 V SCHOTTKY CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com