Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5150C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM5150C
Description  5.0 A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5150C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM5150C_10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5150C_10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM5150C
VOLTAGE 150 V
5.0 A Schottky Barrier Rectifiers
01-Oct-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Axial Leads, Solderable per MIL-STD-202
method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
SM5150C
UNITS
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VRWM
VR
150
V
Average Forward Current @TJ=25°C
IF(AV)
5
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
150
A
Maximum Instantaneous Forward Voltage
VF @ IFM = 5.0 A, TA = 25°C
VF @ IFM = 5.0 A, TA = 75°C
VF @ IFM = 5.0 A, TA = 125°C
VF
0.83
0.73
0.65
V
Maximum DC Reverse Current (Note: 3)
At Rated DC Blocking Voltage @ TJ = 25°C
At Rated DC Blocking Voltage @ TJ = 100°C
IR
50
800
μA
Typical Junction Capacitance
CJ
350
pF
Typical Thermal Resistance (Note 2)
RθJL
20
°C/W
Voltage Rate of Chance (Rated VR)
dv/dt
1000
V/
μs
Operating Temperature Range
TJ
-50 ~ + 150
°C
Storage temperature
TSTG
-65 ~ + 150
°C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2. Thermal Resistance Junction to Lead
3. Pulse Test:Pulse Width = 300
μs, Duty Cycle ≦ 2.0%.
SMC
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.75
3.15
E
-
0.203
B
6.60
7.11
F
7.75
8.13
C
5.59
6.22
G
0.76
1.27
D
2.00
2.62
H
0.15
0.31


Similar Part No. - SM5150C_10

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SM5150C_10

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5100C SECOS-SM5100C Datasheet
293Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM520A SECOS-SM520A_15 Datasheet
296Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM5200C SECOS-SM5200C_10 Datasheet
197Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM520A SECOS-SM520A Datasheet
305Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM5100C SECOS-SM5100C_15 Datasheet
293Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM540ZT SECOS-SM540ZT_15 Datasheet
116Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Bruckewell Technology L...
SB52-SB56 BWTECH-SB52-SB56 Datasheet
357Kb / 4P
   5.0 Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR5100 SECOS-SR5100_09 Datasheet
378Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5150 SECOS-SR5150_11 Datasheet
186Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K Datasheet
238Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com