Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP10100 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMP10100
Description  10 Amp Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMP10100 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMP10100 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMP10100 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SMP1020 ~ SMP10100
Voltage 20 V ~ 100 V
10 Amp Surface Mount Schottky Barrier Rectifiers
20-May-2011 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - SMP10100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100-120 STMICROELECTRONICS-SMP100-120 Datasheet
80Kb / 9P
   COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
August 1999 - Ed : 8A
SMP100-140 STMICROELECTRONICS-SMP100-140 Datasheet
80Kb / 9P
   COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
August 1999 - Ed : 8A
SMP100-140H125 STMICROELECTRONICS-SMP100-140H125 Datasheet
80Kb / 9P
   COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
August 1999 - Ed : 8A
SMP100-140H225 STMICROELECTRONICS-SMP100-140H225 Datasheet
80Kb / 9P
   COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
August 1999 - Ed : 8A
SMP100-200 STMICROELECTRONICS-SMP100-200 Datasheet
80Kb / 9P
   COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
August 1999 - Ed : 8A
More results

Similar Description - SMP10100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPB1045L SECOS-SMPB1045L_15 Datasheet
233Kb / 2P
   10 Amp Surface Mount Schottky Barrier Rectifiers
SMPB1045L SECOS-SMPB1045L Datasheet
233Kb / 2P
   10 Amp Surface Mount Schottky Barrier Rectifiers
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM120MH SECOS-SM120MH_10 Datasheet
47Kb / 2P
   1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS12 YANGJIE-SS12 Datasheet
61Kb / 2P
   1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SGL34-20 UNIOHM-SGL34-20 Datasheet
63Kb / 2P
   0.8 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SSCD102S SECOS-SSCD102S Datasheet
335Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1 Datasheet
105Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320C SECOS-SM320C Datasheet
204Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
MSCD052 SECOS-MSCD052_10 Datasheet
255Kb / 3P
   0.5 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com