Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ600N Datasheet(PDF) 1 Page - eupec GmbH

Part # DZ600N
Description  Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

DZ600N Datasheet(HTML) 1 Page - eupec GmbH

  DZ600N Datasheet HTML 1Page - eupec GmbH DZ600N Datasheet HTML 2Page - eupec GmbH DZ600N Datasheet HTML 3Page - eupec GmbH DZ600N Datasheet HTML 4Page - eupec GmbH DZ600N Datasheet HTML 5Page - eupec GmbH DZ600N Datasheet HTML 6Page - eupec GmbH DZ600N Datasheet HTML 7Page - eupec GmbH DZ600N Datasheet HTML 8Page - eupec GmbH DZ600N Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ600N
BIP AC / 95-12-18, K.-A. Rüther
A135/95
1/9
Seite/page
Kenndaten
Elektrische Eigenschaften
Thermische Eigenschaften
DZ600N
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Spitzensperrspannung
repetitive peak reverse voltages
Tvj = -40°C... Tvj max
VRRM
1200
1600
1400
1800
V
V
Stoßspitzensperrspannung
non-repetitive peak reverse voltage
Tvj = +25°C... Tvj max
VRSM
1300
1700
1500
1900
V
V
V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
IFRMSM
1150 A
Dauergrenzstrom
average on-state current
TC = 100°C
TC = 84°C
IFAVM
600
735
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
IFSM
22.000
19.000
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
2.420.000
1.805.000
A²s
A²s
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iF = 2200 A
vF
max.
1,40 V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
0,75 V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
0,215 mΩ
Sperrstrom
reverse current
Tvj = Tvj max , vR = VRRM
iR
max.
40 mA
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50 Hz, t = 1 sec
RMS, f = 50 Hz, t = 1 min
VISOL
3,6
3,0
kV
kV
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Modul / per Module, Θ = 180° sin
pro Modul / per Module, DC
RthJC
max.
max.
0,0780
0,0745
°C/W
°C/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Modul / per Module
RthCH
max.
0,02 °C/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
150 °C
Betriebstemperatur
operating temperature
Tc op
- 40...+150 °C
Lagertemperatur
storage temperature
Tstg
- 40...+150 °C
prepared by: C. Drilling
date of publication: 06.05.03
approved by: M. Leifeld
revision:
1


Similar Description - DZ600N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
   Rectifier Diode Module
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DD104N EUPEC-DD104N Datasheet
239Kb / 10P
   Rectifier Diode Module
logo
Infineon Technologies A...
DDB6U85N16L INFINEON-DDB6U85N16L Datasheet
337Kb / 7P
   Rectifier Diode Module
Rev.2
logo
Inchange Semiconductor ...
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DZ540N EUPEC-DZ540N Datasheet
274Kb / 10P
   Rectifier Diode Module
DZ1070N EUPEC-DZ1070N Datasheet
231Kb / 10P
   Rectifier Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com