Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28134 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28134
Description  5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28134 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28134 Datasheet HTML 4Page - Intersil Corporation ISL28134 Datasheet HTML 5Page - Intersil Corporation ISL28134 Datasheet HTML 6Page - Intersil Corporation ISL28134 Datasheet HTML 7Page - Intersil Corporation ISL28134 Datasheet HTML 8Page - Intersil Corporation ISL28134 Datasheet HTML 9Page - Intersil Corporation ISL28134 Datasheet HTML 10Page - Intersil Corporation ISL28134 Datasheet HTML 11Page - Intersil Corporation ISL28134 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL28134
8
FN6957.1
June 8, 2011
FIGURE 9. VOS vs VCM
FIGURE 10. VOS vs SUPPLY VOLTAGE
FIGURE 11. IB vs VCM
FIGURE 12. IOS vs VCM
FIGURE 13. IB vs TEMPERATURE
FIGURE 14. IOS vs TEMPERATURE
Typical Performance Curves T
A =+25°C, VCM = 0V Unless otherwise specified. (Continued)
COMMON MODE VOLTAGE (V)
-2.4
-1.6
-0.8
0
-3.2
0.8
1.6
2.4
3.2
-4
-3
-2
-1
0
1
2
3
4
Vs = ±2.5V
Vs = ±1.125V
SUPPLY VOLTAGE (V)
-4
-3
-2
-1
0
1
2
3
4
1.5
2.0
2.5
3.0
1.0
3.5
COMMON MODE VOLTAGE (V)
-2
-1
0
-3
12
3
-200
-100
0
100
200
300
400
500
-400
-300
-500
IB+ Vs = ±1.125V
IB- Vs = ±2.5V
IB+ Vs = ±2.5V
IB- Vs = ±1.125V
COMMON MODE VOLTAGE (V)
-2
-1
0
-3
12
3
-200
-100
0
100
200
300
400
500
600
Vs = ±2.5V
Vs = ±1.125V
TEMPERATURE (°C)
-20
0
20
40
60
-40
-50
0
50
100
150
200
80
100
Vs = ±2.5V
IB+
Vs = ±1.125V
IB-
Vs = ±2.5V
IB-
-200
-150
-100
Vs = ±1.125V
IB+
TEMPERATURE (°C)
-15
10
35
60
85
-40
-50
0
50
100
150
200
250
300
350
400
Vs = ±2.5V
Vs = ±1.125V


Similar Part No. - ISL28134

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134 INTERSIL-ISL28134 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28134 INTERSIL-ISL28134 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results

Similar Description - ISL28134

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com