Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95210HRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL95210HRZ
Description  10A Synchronous Buck Regulator with Integrated Power MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95210HRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL95210HRZ Datasheet HTML 5Page - Intersil Corporation ISL95210HRZ Datasheet HTML 6Page - Intersil Corporation ISL95210HRZ Datasheet HTML 7Page - Intersil Corporation ISL95210HRZ Datasheet HTML 8Page - Intersil Corporation ISL95210HRZ Datasheet HTML 9Page - Intersil Corporation ISL95210HRZ Datasheet HTML 10Page - Intersil Corporation ISL95210HRZ Datasheet HTML 11Page - Intersil Corporation ISL95210HRZ Datasheet HTML 12Page - Intersil Corporation ISL95210HRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISL95210
9
FN6938.2
June 2, 2011
FIGURE 15. 10A LOAD TRANSIENT 50A/µs (ZOOM RISING EDGE)
FIGURE 16. 10A LOAD TRANSIENT 50A/µs (ZOOM FALLING EDGE)
FIGURE 17. 10A LOAD TRANSIENT 5A/µs
FIGURE 18. VSEL1 TRANSITIONS 0.90V TO 1.80V
FIGURE 19. NORMAL SHUT-DOWN
FIGURE 20. OVERVOLTAGE SHUT-DOWN (VDAC = 1.00V)
Typical Performance Curves (Continued)
IOUT
5A/DIV
50mV/DIV
PHASE
5V/DIV
1µs/DIV
VOUT (AC)
IOUT
5A/DIV
VOUT
50mV/DIV
PHASE
5V/DIV
2µs/DIV
IOUT
5A/DIV
100mV/DIV
VOUT (AC)
5µs/DIV
0.2ms/DIV
VSEL1
2V/DIV
VOUT
500mV/DIV
PG_OUT
5V/DIV
EN
5V/DIV
VOUT
0.5V/DIV
5ms/DIV
PG_OUT
5V/DIV
VOUT
200mV/DIV
10µs/DIV
PHASE
2V/DIV


Similar Part No. - ISL95210HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95210HRZ RENESAS-ISL95210HRZ Datasheet
1Mb / 20P
   High Efficiency 5V, 10A Buck Regulator
More results

Similar Description - ISL95210HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com