Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95210IRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL95210IRZ
Description  10A Synchronous Buck Regulator with Integrated Power MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95210IRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL95210IRZ Datasheet HTML 1Page - Intersil Corporation ISL95210IRZ Datasheet HTML 2Page - Intersil Corporation ISL95210IRZ Datasheet HTML 3Page - Intersil Corporation ISL95210IRZ Datasheet HTML 4Page - Intersil Corporation ISL95210IRZ Datasheet HTML 5Page - Intersil Corporation ISL95210IRZ Datasheet HTML 6Page - Intersil Corporation ISL95210IRZ Datasheet HTML 7Page - Intersil Corporation ISL95210IRZ Datasheet HTML 8Page - Intersil Corporation ISL95210IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL95210
3
FN6938.2
June 2, 2011
Pin Configuration
ISL95210
(32 LD QFN)
TOP VIEW
1
2
34
5
6
78
910
27
26
25
24
23
22
21
20
19
18
16
15
14
13
12
11
28
29
30
31
32
17
MSEL
MPCT
VCC
VOUT
AGND
VSEL0
DNC
PGND
PGND
PVCC
PVCC
VIN
PGND
Functional Pin Descriptions
PIN
NAME
FUNCTION
Thermal Pad
PGND
Power ground. This thermal pad provides a return path for power stage and switching currents as well as a thermal path
for removing heat from the IC into the board. Place thermal vias in the pad to the PGND plane.
1
FCCM
Logic input for operating mode selection. Connect this pin to VCC for CCM regulation only. Connect this pin to AGND to allow
discontinuous conduction mode for light-load efficiency. Float this pin for audio mode light-load switching.
2
FSET
Tri-state digital input for programming the regulator switching frequency. Pull this pin to VCC for 800kHz switching. Pull this
pin to GND for 400kHz switching. Leave this pin floating for 533kHz switching.
3
EN
Logic input for enabling and disabling output voltage regulation. Pull this pin to VCC to begin regulation. Pull this pin to AGND
to disable regulation.
4, 5, 6, 7, 8, 9,
10
PHASE
Power stage switching node for output voltage regulation. Connect to the output inductor. All PHASE pins must be shorted
on the printed circuit board.
11
DNC
No connect. This pin must be left floating under all conditions.
12, 13, 19, 20,
21, 22, 23
PGND
Power ground. This pin provides a return path for power stage and switching currents. All PGND pins must be shorted on
the printed circuit board.
14, 15
PVCC
Power input for the integrated MOSFET gate drivers. Connect to a +5V supply. Both PVCC pins must be shorted on the
printed circuit board.
16, 17, 18
VIN
Power input for buck regulation stage. Bypass to PGND with one 10µF or 22µF ceramic capacitor. Connect to a +3.3V to
+5V supply. All VIN pins must be shorted on the printed circuit board.
24
PG_IN
Input voltage for the power-good CMOS output. Connect this pin to the desired PGOOD output high level.
25
PG_OUT
Active CMOS output for power-good indication. High state is indicated when the output voltage is in regulation, and output
is logic low otherwise. Logic high level is set by the voltage on the PG_IN pin.
26
VSEL1
DAC logic MSB input. Used to program preset output voltages of 0.60V, 0.75V, 0.90V, 1.00V, 1.05V, 1.10V, 1.20V, 1.50V,
and 1.80V.
27
VSEL0
DAC logic LSB input. Used to program preset output voltages of 0.60V, 0.75V, 0.90V, 1.00V, 1.05V, 1.10V, 1.20V, 1.50V,
and 1.80V.
28
AGND
Ground reference for analog signals. Connect this pin to the ground plane.
29
VOUT
Sense point for output voltage regulation and output soft-discharge. Connect to the desired regulation point.


Similar Part No. - ISL95210IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95210IRZ RENESAS-ISL95210IRZ Datasheet
1Mb / 20P
   High Efficiency 5V, 10A Buck Regulator
More results

Similar Description - ISL95210IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com