Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95210EVAL1Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL95210EVAL1Z
Description  10A Synchronous Buck Regulator with Integrated Power MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95210EVAL1Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL95210EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL95210EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL95210EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL95210EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL95210EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL95210EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL95210EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL95210EVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL95210EVAL1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISL95210
10
FN6938.2
June 2, 2011
FIGURE 21. UNDERVOLTAGE SHUT-DOWN (VDAC = 1.00V)
FIGURE 22. OVERCURRENT SHUTDOWN
FIGURE 23. CURRENT DERATING OVER-TEMPERATURE
FIGURE 24. CURRENT DERATING OVER-TEMPERATURE (ZOOM)
NOTE: Figures 23 and 24 were generated on the ISL95210EVAL1Z REV B evaluation board (4-layers/2oz. copper). The test conditions were 5VIN and
1.8VOUT. The junction temperature was characterized by measuring the shift over temperature of an integrated polysilicon resistor. For more details on
the layer stack up of the evaluation board, please see the ISL95210 Application Note (AN1485).
Typical Performance Curves (Continued)
PG_OUT
5V/DIV
VOUT
200mV/DIV
10µs/div
PHASE
2V/DIV
PHASE
5V/DIV
PG_OUT
5V/DIV
IL
5A/DIV
0
2
4
6
8
10
12
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
85
200 LFM
100 LFM
300 LFM
AIR FLOW
0 LFM
0
2
4
6
8
10
12
85
90
95
100
105
110
115
120
125
AMBIENT TEMPERATURE (°C)
200 LFM
100 LFM
300 LFM
AIR FLOW
0 LFM


Similar Part No. - ISL95210EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95210EVAL1Z RENESAS-ISL95210EVAL1Z Datasheet
1Mb / 20P
   High Efficiency 5V, 10A Buck Regulator
More results

Similar Description - ISL95210EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com