Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA224P25 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISLA224P25
Description  Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224P25 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISLA224P25 Datasheet HTML 7Page - Intersil Corporation ISLA224P25 Datasheet HTML 8Page - Intersil Corporation ISLA224P25 Datasheet HTML 9Page - Intersil Corporation ISLA224P25 Datasheet HTML 10Page - Intersil Corporation ISLA224P25 Datasheet HTML 11Page - Intersil Corporation ISLA224P25 Datasheet HTML 12Page - Intersil Corporation ISLA224P25 Datasheet HTML 13Page - Intersil Corporation ISLA224P25 Datasheet HTML 14Page - Intersil Corporation ISLA224P25 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
ISLA224P
11
FN7570.0
May 19, 2011
LVDS INPUTS (CLKDIVRSTP,CLKDIVRSTN)
Input Common Mode Range
VICM
825
1575
mV
Input Differential Swing (peak to peak, single-ended)
VID
250
450
mV
CLKDIVRSTP Input Pull-down Resistance
RIpd
100
k
Ω
CLKDIVRSTN Input Pull-up Resistance
RIpu
100
k
Ω
LVDS OUTPUTS
Differential Output Voltage (Note 10)
VT
3mA Mode
612
mVP-P
Output Offset Voltage
VOS
3mA Mode
1120
1150
1200
mV
Output Rise Time
tR
240
ps
Output Fall Time
tF
240
ps
CMOS OUTPUTS
Voltage Output High
VOH
IOH = -500µA
OVDD - 0.3 OVDD - 0.1
V
Voltage Output Low
VOL
IOL = 1mA
0.1
0.3
V
Output Rise Time
tR
1.8
ns
Output Fall Time
tF
1.4
ns
NOTES:
9. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending
on desired function.
10. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak singled-ended swing is 1/2 of the differential swing.
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5) UNITS
Timing Diagrams
FIGURE 3. LVDS
CLKN
CLKP
INP
INN
tA
CLKOUTN
CLKOUTP
tCPD
D[13:0]N
D[13:0]P
LATENCY = L CYCLES
tDC
tPD
A DATA
N-L
B DATA
N-L
A DATA
N-L+1
B DATA
N-L+1
B DATA
N-1
A DATA
N
B DATA
N


Similar Part No. - ISLA224P25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224P25 INTERSIL-ISLA224P25 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
ISLA224P25 INTERSIL-ISLA224P25 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA224P25 RENESAS-ISLA224P25 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
ISLA224P25IRZ RENESAS-ISLA224P25IRZ Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

Similar Description - ISLA224P25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com