Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA222P25 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISLA222P25
Description  Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA222P25 Datasheet(HTML) 4 Page - Intersil Corporation

  ISLA222P25 Datasheet HTML 1Page - Intersil Corporation ISLA222P25 Datasheet HTML 2Page - Intersil Corporation ISLA222P25 Datasheet HTML 3Page - Intersil Corporation ISLA222P25 Datasheet HTML 4Page - Intersil Corporation ISLA222P25 Datasheet HTML 5Page - Intersil Corporation ISLA222P25 Datasheet HTML 6Page - Intersil Corporation ISLA222P25 Datasheet HTML 7Page - Intersil Corporation ISLA222P25 Datasheet HTML 8Page - Intersil Corporation ISLA222P25 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ISLA224P
4
FN7570.0
May 19, 2011
Pin Configuration - CMOS Mode
ISLA224P
(72 LD QFN)
TOP VIEW
72 71 70 69 68 67 66 65 64 63 62 61 60 59
D3
DNC
D4
DNC
D5
DNC
CLKOUT
DNC
RLVDS
OVSS
D6
DNC
D7
DNC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DNC
DNC
NAPSLP
VCM
AVSS
VINBP
VINBN
AVSS
AVDD
AVDD
AVSS
VINAN
VINAP
AVSS
19 20 21 22 23 24 25 26 27 28 29 30 31 32
15
16
17
18
CLKDIV
IPTAT
DNC
RESETN
33 34 35 36
D8
DNC
D9
DNC
40
39
38
37
58 57 56 55
Connect Thermal Pad to AVSS
Thermal Pad Not Drawn to Scale.
Consult Mechanical Drawing for
Physical Dimensions.
Pin Descriptions - 72 Ld QFN, CMOS Mode
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION
1, 2, 17, 28, 30, 33, 35, 37, 39,
41, 43, 47, 49, 51, 53, 55, 57,
59, 63
DNC
Do Not Connect
9, 10, 19, 20, 21, 70, 71, 72
AVDD
1.8V Analog Supply
5, 8, 11, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output


Similar Part No. - ISLA222P25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA222P25 INTERSIL-ISLA222P25 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
ISLA222P25 INTERSIL-ISLA222P25 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA222P25 RENESAS-ISLA222P25 Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P25 RENESAS-ISLA222P25 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P25 RENESAS-ISLA222P25 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results

Similar Description - ISLA222P25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com