Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA222P13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISLA222P13
Description  Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA222P13 Datasheet(HTML) 5 Page - Intersil Corporation

  ISLA222P13 Datasheet HTML 1Page - Intersil Corporation ISLA222P13 Datasheet HTML 2Page - Intersil Corporation ISLA222P13 Datasheet HTML 3Page - Intersil Corporation ISLA222P13 Datasheet HTML 4Page - Intersil Corporation ISLA222P13 Datasheet HTML 5Page - Intersil Corporation ISLA222P13 Datasheet HTML 6Page - Intersil Corporation ISLA222P13 Datasheet HTML 7Page - Intersil Corporation ISLA222P13 Datasheet HTML 8Page - Intersil Corporation ISLA222P13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ISLA224P
5
FN7570.0
May 19, 2011
6, 7
VINBP, VINBN
Channel B Analog Input Positive, Negative
12, 13
VINAN, VINAP
Channel A Analog Input Negative, Positive
15
CLKDIV
Tri-Level Clock Divider Control
16
IPTAT
Temperature Monitor (Output current proportional to absolute temperature)
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
29
D13
CMOS Bit 13 (MSB) Output
31
D12
CMOS Bit 12 Output
34
D11
CMOS Bit 11 Output
36
D10
CMOS Bit 10 Output
38
D9
CMOS Bit 9 Output
40
D8
CMOS Bit 8 Output
42
D7
CMOS Bit 7 Output
44
D6
CMOS Bit 6 Output
46
RLVDS
LVDS Bias Resistor (connect to OVSS with 1%10k
Ω)
48
CLKOUT
CMOS Clock Output
50
D5
CMOS Bit 5 Output
52
D4
CMOS Bit 4 Output
54
D3
CMOS Bit 3 Output
56
D2
CMOS Bit 2 Output
58
D1
CMOS Bit 1 Output
60
D0
CMOS Bit 0 (LSB) Output
64
OR
CMOS Over Range
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
Pin Descriptions - 72 Ld QFN, CMOS Mode (Continued)
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION


Similar Part No. - ISLA222P13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA222P13 INTERSIL-ISLA222P13 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
ISLA222P13 INTERSIL-ISLA222P13 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA222P13 RENESAS-ISLA222P13 Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P13 RENESAS-ISLA222P13 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P13 RENESAS-ISLA222P13 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results

Similar Description - ISLA222P13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com