Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T553N Datasheet(PDF) 1 Page - eupec GmbH

Part # T553N
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

T553N Datasheet(HTML) 1 Page - eupec GmbH

  T553N Datasheet HTML 1Page - eupec GmbH T553N Datasheet HTML 2Page - eupec GmbH T553N Datasheet HTML 3Page - eupec GmbH T553N Datasheet HTML 4Page - eupec GmbH T553N Datasheet HTML 5Page - eupec GmbH T553N Datasheet HTML 6Page - eupec GmbH T553N Datasheet HTML 7Page - eupec GmbH T553N Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T 553N
BIP AM / SM PB, 2002-05-23, Przybilla J. / Keller
1/8
Seite/page
Kenndaten
Elektrische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Rückwärts-Spitzensperrspannung
repetitive peak and reverse voltages
Tvj = -40°C... Tvj max
VRRM
7000
V
V
Periodische Rückwärts-Spitzensperrspannung
repetitive peak reverse voltages
Tvj = 0°C... Tvj max
VRRM
7200
V
V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
ITRMSM
1200 A
Dauergrenzstrom
average on-state current
TC = 85 °C
TC = 60 °C
ITAVM
550
765
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
ITSM
12100
11700
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
732
684
10³ A²s
10³ A²s
Kritische Stromsteilheit
critical rate of rise of on-state current
DIN IEC 60747-6
f = 50 Hz, PLM = 40mW, trise = 0,5µs
(diT/dt)cr
300 A/µs
Kritische Spannungssteilheit
critical rate of rise of off-state voltage
Tvj = Tvj max, vD = 0,67 VDRM
5.Kennbuchstabe / 5
th letter H
(dvD/dt)cr
2000 V/µs
Charakteristische Werte / Characteristic values
Schutzzündspannung (statisch)
Protective break over voltage
Tvj = 25°C … Tvj max
Typischer Degradationsfaktor ist 0,16%/K
für Tvj = 0°C..25°C
Typical de-rating factor of 0,16%/K is
applicable for Tvj = 0°C..25°C
VBO
min.
6500 V
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iT = 1000A, vD = 150V
vT
typ.
max.
2,55
2,65
V
V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
typ.
max.
1,25
1,3
V
V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
typ.
max.
1,3
1,35
mΩ
mΩ
A -0,0927
B 0,000967
C 0,1815
typ.
D 0,01334
A -0,0921
B 0,001
C 0,1841
Durchlaßkennlinie on-state characteristic
Tvj = Tvj max
max.
D 0,0149
minimale Zündlichtleistung
minimum gate trigger light power
Tvj = 25°C, vD = 150V
PLM
max.
40 mW
Haltestrom
holding current
Tvj = 25°C
IH
max.
100 mA
Einraststrom
latching current
Tvj = 25°C, vD = 150V,
PLM = 40mW, trise = 0,5µs
IL
max.
1 A
Rückwärts-Sperrstrom
reverse blocking current
Tvj = Tvj max
vR = VRRM
iR
max.
200 mA
Zündverzug
gate controlled delay time
DIN IEC 60747-6
Tvj = 25 °C, vD = 1000V ,
PLM = 40mW, trise = 0,5µs
tgd
max.
5 µs
prepared by: C. Schneider
date of publication: 2005-04-15
approved by: J. Przybilla
revision:
8
T
T
T
T
i
D
)
1
i
(
Ln
C
i
B
A
v
+
+
+
+
=


Similar Part No. - T553N

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T5530AP MORNSUN-T5530AP Datasheet
196Kb / 3P
   Isolated Transmitter
T5530B MORNSUN-T5530B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T5530CP MORNSUN-T5530CP Datasheet
528Kb / 3P
   ACTIVE HIGH PRECISION AMPLIFIER
T5530D-S MORNSUN-T5530D-S Datasheet
90Kb / 2P
   ACTIVE SIGNAL AMPLIFIER
T5530P MORNSUN-T5530P Datasheet
226Kb / 4P
   Isolated Transmitter
More results

Similar Description - T553N

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com